| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91302A/V301A bảng dữ liệu(PDF) 27 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
MB91302A/V301A bảng dữ liệu(HTML) 27 Page - Fuji Electric |
|
27 / 135 page ![]() MB91301 Series 27 ❍Unique to the evaluation chip MB91V301A • Tool reset On an evaluation board, use the chip with INIT and TRST connected together. • Simultaneous occurrences of a software break and a user interrupt/NMI When a software break and a user interrupt /NMI take place at the same time, the emulator debugger can cause the following phenomena: • The debugger stops pointing to a location other than the programmed breakpoints. • The halted program is not re-executed correctly. If these phenomena occur, use a hardware break instead of the software break. If the monitor debugger has been used, avoid setting any break at the relevant location. • Single-stepping the RETI instruction If an interrupt occurs frequently during single stepping, execute only the relevant processing routine repeatedly after single-stepping RETI. This will prevent the main routine and low-interrupt-level programs from being executed. Do not single-step the RETI instruction for avoidance purposes. When the debugging of the relevant interrupt routine becomes unnecessary, perform debugging with that interrupt disabled. • Operand break A stack pointer placed in an area set for a DSU operand break can cause a malfunction. Do not apply a data event break to access to the area containing the address of a system stack pointer. • ICE startup sequence When using the ICE, when you start debugging, ensure that the bus configuration is set correctly for the area being used before downloading. After turning on the power to the target, the states of the RD and WR0 to WR3 pins are undefined until you perform the above setting. Accordingly, include enabling pull-up as part of the startup sequence. If using these pins as general-purpose ports, set as output ports to prevent conflict with the output signals during the time the pin states are undefined. * : Use as output ports. External bus width Pin name 32 bit 16 bit 8 bit RD Pull-up Pull-up Pull-up WR0 Pull-up Pull-up Pull-up WR1 (P85) Pull-up Pull-up * WR2 (P86) Pull-up * * WR3 (P87) Pull-up * * |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |