| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS4066ACPD bảng dữ liệu(PDF) 8 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PS4066ACPD bảng dữ liệu(HTML) 8 Page - Pericom Semiconductor Corporation |
|
8 / 9 page ![]() 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 8 PS8184A 10/15/98 PS4066/PS4066A Low-Cost, Quad, SPST, CMOS Analog Switches Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings, because stresses beyond the listed ratings may cause permanent damage to the devices. Always sequence V+ on first, and then the logic inputs. If power-supply sequencing is not possible, add a small signal diode or current limiting resistor in series with the supply pin for overvoltage protection (Figure 1). Adding a diode reduces the analog signal range, but low switch resistance and low leakage characteristics are unaffected. Applications Information Figure 1. Overvoltage protection is accomplished using an exter- nal blocking diode or a current limiting resistor . Pin Description Overvoltage Protection Test Circuits/Timing Diagrams Figure 3. Charge Injection Figure 2. Switching Times |