công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5532ABC-3 bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện AD5532ABC-3
Giải thích chi tiết về linh kiện  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices AD5532ABC-3 Datasheet HTML 10Page - Analog Devices AD5532ABC-3 Datasheet HTML 11Page - Analog Devices AD5532ABC-3 Datasheet HTML 12Page - Analog Devices AD5532ABC-3 Datasheet HTML 13Page - Analog Devices AD5532ABC-3 Datasheet HTML 14Page - Analog Devices AD5532ABC-3 Datasheet HTML 15Page - Analog Devices AD5532ABC-3 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
AD5532B
–14–
MICROPROCESSOR INTERFACING
AD5532B to ADSP-21xx Interface
The ADSP-21xx family of DSPs is easily interfaced to the
AD5532B without the need for extra logic.
A data transfer is initiated by writing a word to the TX register
after the SPORT has been enabled. In a write sequence, data is
clocked out on each rising edge of the DSP’s serial clock and
clocked into the AD5532B on the falling edge of its SCLK.
In readback, 16 bits of data are clocked out of the AD5532B on
each rising edge of SCLK and clocked into the DSP on the
rising edge of SCLK. DIN is ignored. The valid 14 bits of data
will be centered in the 16-bit RX register when using this configu-
ration. The SPORT control register should be set up as follows:
TFSW
= RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
ISCLK
= 1, Internal Serial Clock
TFSR
= RFSR = 1, Frame Every Word
IRFS
= 0, External Framing Signal
ITFS
= 1, Internal Framing Signal
SLEN
= 1001, 10-Bit Data-Words (ISHA Mode Write)
SLEN
= 0111, 3 8-Bit Data-Words (DAC Mode Write)
SLEN
= 1111, 16-Bit Data-Words (Readback Mode)
Figure 11 shows the connection diagram.
SCLK
AD5532B*
DOUT
SYNC
DIN
DR
TFS
RFS
DT
SCLK
ADSP-2101/
ADSP-2103*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 11. AD5532B to ADSP-2101/ADSP-2103 Interface
AD5532B to MC68HC11
The serial peripheral interface (SPI) on the MC68HC11 is confi-
gured for master mode (MSTR = 1), clock polarity bit (CPOL) = 0,
and the clock phase bit (CPHA) = 1. The SPI is configured by
writing to the SPI control register (SPCR)—see 68HC11 User
Manual. SCK of the 68HC11 drives the SCLK of the AD5532B, the
MOSI output drives the serial data line (DIN) of the AD5532B,
and the MISO input is driven from DOUT. The SYNC signal is
derived from a port line (PC7). A connection diagram is shown
in Figure 12.
SCLK
AD5532B*
DOUT
SYNC
DIN
MISO
PC7
SCK
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY
MOSI
Figure 12. AD5532B to MC68HC11 Interface
When data is being transmitted to the AD5532B, the SYNC line
is taken low (PC7). Data appearing on the MOSI output is valid
on the falling edge of SCK. Serial data from the 68HC11 is
transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first. In
order to transmit 10 data bits in ISHA mode, it is important to
left-justify the data in the SPDR register. PC7 must be pulled
low to start a transfer. It is taken high and pulled low again before
any further read/write cycles can take place.
AD5532B to PIC16C6x/7x
The PIC16C6x/7x synchronous serial port (SSP) is configured as
an SPI master with the clock polarity bit = 0. This is done by
writing to the synchronous serial port control register (SSPCON).
See PIC16/17 Microcontroller User Manual. In this example,
I/O port RA1 is being used to pulse
SYNC and enable the serial
port of the AD5532B. This microcontroller transfers only eight
bits of data during each serial transfer operation; therefore, two or
three consecutive read/write operations are needed depending
on the mode. Figure 13 shows the connection diagram.
SCLK
PIC16C6x/7x*
DOUT
SYNC
DIN
SCK/RC3
AD5532B*
*ADDITIONAL PINS OMITTED FOR CLARITY
SDO/RC5
SDI/RC4
RA1
Figure 13. AD5532B to PIC16C6x/7x Interface
AD5532B to 8051
The AD5532B requires a clock synchronized to the serial data. The
8051 serial interface must therefore be operated in Mode 0. In this
mode, serial data enters and exits through RxD and a shift clock
is output on TxD. Figure 14 shows how the 8051 is connected
to the AD5532B. Because the AD5532B shifts data out on the
rising edge of the shift clock and latches data in on the falling
edge, the shift clock must be inverted. The AD5532B requires its
data with the MSB first. Since the 8051 outputs the LSB first,
the transmit routine must take this into account.
8051*
SCLK
DOUT
SYNC
DIN
TxD
AD5532B*
*ADDITIONAL PINS OMITTED FOR CLARITY
RxD
P1.1
Figure 14. AD5532B to 8051 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com