công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL3115A2ST1 bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện MPL3115A2ST1
Giải thích chi tiết về linh kiện  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 41Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 42Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 43Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 44Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 45Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 46Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 47Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 48Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 49Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................2
4
Ordering information .......................................... 2
5
Block diagram ..................................................... 2
6
Pinning information ............................................ 3
6.1
Pinning ...............................................................3
6.2
Pin description ................................................... 3
7
System connections ........................................... 4
8
Handling and board mount
recommendations ............................................... 4
8.1
Methods of handling .......................................... 4
8.2
Board mount recommendations .........................4
9
Mechanical and electrical specifications .......... 5
9.1
Terminology ........................................................5
9.1.1
Resolution ..........................................................5
9.1.2
Accuracy ............................................................ 5
9.1.2.1
Offset ................................................................. 5
9.1.2.2
Linearity ............................................................. 5
9.1.2.3
Absolute pressure ..............................................6
9.1.2.4
Span ...................................................................6
9.1.3
Pressure/altitude ................................................ 6
9.2
Absolute maximum ratings ................................ 6
9.3
Mechanical characteristics .................................7
9.4
Electrical characteristics .................................... 8
10
Digital interface ................................................... 9
10.1
I2C characteristics ............................................. 9
10.2
I2C operation ................................................... 10
11
Modes of operation ...........................................12
11.1
OFF ..................................................................12
11.2
STANDBY ........................................................ 12
11.3
ACTIVE ............................................................12
12
Quick start setup .............................................. 12
13
Functionality ......................................................14
13.1
Factory calibration ........................................... 15
13.2
Barometer/altimeter function ............................15
13.2.1
Barometric input .............................................. 15
13.3
Temperature function .......................................15
13.4
Autonomous data acquisition ...........................15
13.5
FIFO .................................................................16
13.6
External interrupts ............................................16
13.6.1
Reach target threshold pressure/altitude
(SRC_PTH) ......................................................16
13.6.2
Reach window target pressure/altitude
(SRC_PW) ....................................................... 16
13.6.3
Reach target threshold temperature (SRC_
TTH) .................................................................16
13.6.4
Reach window target temperature (SRC_
TW) .................................................................. 16
13.6.5
Pressure/altitude change (SRC_PCHG) ..........17
13.6.6
Temperature change (SRC_TCHG) .................17
13.6.7
Data ready .......................................................17
13.6.8
FIFO event .......................................................17
13.6.9
Pressure/altitude and temperature delta ..........17
13.6.10 Min/max data value storage ............................ 17
14
Register descriptions ....................................... 17
14.1
STATUS - sensor status register (address
00h) ..................................................................19
14.2
DR_STATUS - status register (address 06h) ... 20
14.2.1
Data registers with F_MODE = 00 (FIFO
disabled) .......................................................... 21
14.3
OUT_P_MSB, OUT_P_CSB, OUT_P_LSB
- pressure and altitude data registers
(address 01h, 02h, 03h) .................................. 21
14.3.1
Data registers with F_MODE = 00 ...................22
14.4
OUT_T_MSB, OUT_T_LSB - temperature
data registers (address 04h, 05h) ....................22
14.5
OUT_P_DELTA_MSB, OUT_P_DELTA_
CSB, OUT_P_DELTA_LSB - pressure and
altitude delta register (address 07h, 08h,
09h) ..................................................................22
14.6
OUT_T_DELTA_MSB, OUT_T_DELTA_
LSB - temperature delta register (address
0Ah, 0Bh) .........................................................23
14.7
WHO_AM_I - device ID register (address
0Ch) ................................................................. 23
14.8
FIFO setup registers ........................................24
14.8.1
F_STATUS - FIFO status register (address
0Dh) ................................................................. 24
14.8.2
F_DATA - FIFO data register (address 0Eh) ....24
14.8.3
F_SETUP- FIFO setup register (address
0Fh) ..................................................................25
14.9
TIME_DLY - time delay register (address
10h) ..................................................................26
14.10
SYSMOD - system mode register (address
11h) ..................................................................26
14.11
INT_SOURCE - system interrupt status
register (address 12h) ..................................... 27
14.12
PT_DATA_CFG - sensor data register
(address13h) ....................................................28
14.13
BAR_IN_MSB, BAR_IN_LSB - barometric
pressure input register (address 14h, 15h) ...... 29
14.14
P_TGT_MSB, P_TGT_LSB - pressure/
altitude target value register (address 16h,
17h) ..................................................................29
14.15
T_TGT- temperature target value register
(address 18h) .................................................. 30
14.16
P_WND_LSB, P_WND_MSB - pressure/
altitude window value register (address
19h, 1Ah) .........................................................30
14.17
T_WIN- temperature window value register
(address 1Bh) .................................................. 30
14.18
P_MIN_MSB, P_MIN_CSB, P_MIN_LSB
- minimum pressure or altitude register
(address 1Ch, 1Dh, 1Eh) .................................31
14.19
P_MAX_MSB, P_MAX_CSB, P_MAX_LSB
- maximum pressure or altitude register
(address 21h, 22h, 23h) .................................. 31
14.20
T_MIN_MSB, T_MIN_LSB - minimum
temperature register (address 1Fh, 20h) ......... 32
14.21
T_MAX_MSB, T_MAX_LSB - maximum
temperature register (address 24h, 25h) ......... 32
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.4 — 8 May 2023
48 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com