công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8191ASTZ bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện AD8191ASTZ
Giải thích chi tiết về linh kiện  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8191ASTZ bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button AD8191ASTZ Datasheet HTML 14Page - Analog Devices AD8191ASTZ Datasheet HTML 15Page - Analog Devices AD8191ASTZ Datasheet HTML 16Page - Analog Devices AD8191ASTZ Datasheet HTML 17Page - Analog Devices AD8191ASTZ Datasheet HTML 18Page - Analog Devices AD8191ASTZ Datasheet HTML 19Page - Analog Devices AD8191ASTZ Datasheet HTML 20Page - Analog Devices AD8191ASTZ Datasheet HTML 21Page - Analog Devices AD8191ASTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8191
Rev. 0 | Page 18 of 32
PARALLEL CONTROL INTERFACE
The AD8191 can be controlled through the parallel interface
using the PP_EN, PP_CH[1:0], PP_EQ, PP_PRE[1:0], PP_OTO,
and PP_OCL pins. Logic levels for the parallel interface pins
are set in accordance with the specifications listed in Table 1.
Setting these pins updates the parallel control interface
registers, as listed in Table 24. Following a reset, the AD8191
can be controlled through the parallel control interface until the
first serial control event occurs. As soon as any serial control
event occurs, the serial programming values override any prior
parallel programming values, and the parallel control interface
is disabled until the part is subsequently reset. The default serial
programming values correspond to the state of the serial
interface configuration registers, as listed in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32