công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-A144B-FREQ bảng dữ liệu(PDF) 2 Page - Nel Frequency Controls,inc

tên linh kiện SC-A144B-FREQ
Giải thích chi tiết về linh kiện  LVCMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEL [Nel Frequency Controls,inc]
Trang chủ  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-A144B-FREQ bảng dữ liệu(HTML) 2 Page - Nel Frequency Controls,inc

  SC-A144B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SC-A144B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
SC-B1440 Series
Continued
LVCMOS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
220.0MHz
-----
250.0MHz
Duty Cycle
-----
@ V
DD/2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
-----
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
-----
-----
Rise & Fall Time
tr,tf
10-90%V
O
-----
-----
2.0 ns
Jitter, RMS
(2)
-----
Overtone
-----
-----
3 psec
T
pz
-----
-----
-----
-----
100 ns
Enable Voltage
-----
-----
1.6V
-----
-----
Disable Voltage
-----
-----
-----
-----
0.4V
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
(3)
V
DD
-----
2.375V
2.5V
2.625V
Supply Current
I
DD
No Load
0.0 mA
85 mA
110 mA
Output current
I
O
Low level Output Current 0.0 mA
-----
±25.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
158 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
-----
-----
-----
-----
15pf
Start-up Time
t
s
-----
-----
-----
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
3) Internal high frequency power source decoupling.
Test Load:
Rev. -
CRYSTAL CLOCK OSCILLATORS
SC - B144X - FREQ
Package Code
Tolerance/Performance
SC
4 pad 5x7mm SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2. 5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0540B



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com