công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JZ48F3L0QTY bảng dữ liệu(PDF) 49 Page - Intel Corporation

tên linh kiện JZ48F3L0QTY
Giải thích chi tiết về linh kiện  StrataFlash Wireless Memory
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JZ48F3L0QTY bảng dữ liệu(HTML) 49 Page - Intel Corporation

Back Button JZ48F3L0QTY Datasheet HTML 45Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 46Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 47Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 48Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 49Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 50Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 51Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 52Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
Datasheet
Intel StrataFlash® Wireless Memory (L18)
April 2005
Order Number: 251902, Revision: 009
49
Write
0x40
Word Program
Setup
First cycle of a 2-cycle programming command; prepares the CUI for a write operation.
On the next write cycle, the address and data are latched and the WSM executes the
programming algorithm at the addressed location. During program operations, the
partition responds only to Read Status Register and Program Suspend commands. CE#
or OE# must be toggled to update the Status Register in asynchronous read. CE# or
ADV# must be toggled to update the Status Register Data for synchronous Non-array
read. The Read Array command must be issued to read array data after programming has
finished.
0x10
Alternate Word
Program
Setup
Equivalent to the Word Program Setup command, 0x40.
0xE8
Buffered
Program
This command loads a variable number of bytes up to the buffer size of 32 words onto the
program buffer.
0xD0
Buffered
Program
Confirm
The confirm command is Issued after the data streaming for writing into the buffer is done.
This instructs the WSM to perform the Buffered Program algorithm, writing the data from
the buffer to the flash memory array.
0x80
Buffered
Enhanced
Factory
Programming
Setup
First cycle of a 2-cycle command; initiates Buffered Enhanced Factory Program mode
(Buffered EFP). The CUI then waits for the Buffered EFP Confirm command, 0xD0, that
initiates the Buffered EFP algorithm. All other commands are ignored when Buffered EFP
mode begins.
0xD0
Buffered EFP
Confirm
If the previous command was Buffered EFP Setup (0x80), the CUI latches the address
and data, and prepares the device for Buffered EFP mode.
Erase
0x20
Block Erase
Setup
First cycle of a 2-cycle command; prepares the CUI for a block-erase operation. The
WSM performs the erase algorithm on the block addressed by the Erase Confirm
command. If the next command is not the Erase Confirm (0xD0) command, the CUI sets
Status Register bits SR[4] and SR[5], and places the addressed partition in read status
register mode.
0xD0
Block Erase
Confirm
If the first command was Block Erase Setup (0x20), the CUI latches the address and data,
and the WSM erases the addressed block. During block-erase operations, the partition
responds only to Read Status Register and Erase Suspend commands. CE# or OE# must
be toggled to update the Status Register in asynchronous read. CE# or ADV# must be
toggled to update the Status Register Data for synchronous Non-array read.
Suspend
0xB0
Program or
Erase
Suspend
This command issued to any device address initiates a suspend of the currently-
executing program or block erase operation. The Status Register indicates successful
suspend operation by setting either SR[2] (program suspended) or SR[6] (erase
suspended), along with SR[7] (ready). The Write State Machine remains in the suspend
mode regardless of control signal states (except for RST# asserted).
0xD0
Suspend
Resume
This command issued to any device address resumes the suspended program or block-
erase operation.
Block Locking/
Unlocking
0x60
Lock Block
Setup
First cycle of a 2-cycle command; prepares the CUI for block lock configuration changes.
If the next command is not Block Lock (0x01), Block Unlock (0xD0), or Block Lock-Down
(0x2F), the CUI sets Status Register bits SR[4] and SR[5], indicating a command
sequence error.
0x01 Lock Block
If the previous command was Block Lock Setup (0x60), the addressed block is locked.
0xD0 Unlock Block
If the previous command was Block Lock Setup (0x60), the addressed block is unlocked.
If the addressed block is in a lock-down state, the operation has no effect.
0x2F
Lock-Down
Block
If the previous command was Block Lock Setup (0x60), the addressed block is locked
down.
Protection
0xC0
Program
Protection
Register
Setup
First cycle of a 2-cycle command; prepares the device for a Protection Register or Lock
Register program operation. The second cycle latches the register address and data, and
starts the programming algorithm.
Configuration
0x60
Read
Configuration
Register
Setup
First cycle of a 2-cycle command; prepares the CUI for device read configuration. If the
Set Read Configuration Register command (0x03) is not the next command, the CUI sets
Status Register bits SR[4] and SR[5], indicating a command sequence error.
0x03
Read
Configuration
Register
If the previous command was Read Configuration Register Setup (0x60), the CUI latches
the address and writes A[15:0] to the Read Configuration Register. Following a Configure
Read Configuration Register command, subsequent read operations access array data.
Table 9.
Command Codes and Definitions (Sheet 2 of 2)
Mode
Code Device Mode
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com