| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X28HT010 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X28HT010 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 20 page ![]() X28C010, X28HT010 FN8105 Rev 1.00 Page 2 of 20 February 12, 2007 Ordering Information PART NUMBER PART MARKING ACCESS TIME TEMP RANGE (°C) PACKAGE PKG. DWG # X28C010D-12 X28C010D-12 120ns 0 to +70 32-Ld Cerdip F32.6 X28C010D-15 X28C010D-15 150ns 0 to +70 32-Ld Cerdip F32.6 X28C010DI X28C010DI - -40 to +85 32-Ld Cerdip F32.6 X28C010DI-12 X28C010DI-12 120ns -40 to +85 32-Ld Cerdip F32.6 X28C010DI-15 X28C010DI-15 150ns -40 to +85 32-Ld Cerdip F32.6 X28C010DM X28C010DM - -55 to +125 32-Ld Cerdip F32.6 X28C010DM-12 X28C010DM-12 120ns -55 to +125 32-Ld Cerdip F32.6 X28C010DM-15 X28C010DM-15 150ns -55 to +125 32-Ld Cerdip F32.6 X28C010DMB-12 C X28C010DMB-12 120ns MIL-STD-883 32-Ld Cerdip F32.6 X28C010DMB-15 C X28C010DMB-15 150ns MIL-STD-883 32-Ld Cerdip F32.6 X28C010DMB-20 C X28C010DMB-20 200ns MIL-STD-883 32-Ld Cerdip X28C010FI-12 X28C010FI-12 120ns -40 to +85 32-Ld Flat Pack X28C010FI-15 X28C010FI-15 150ns -40 to +85 32-Ld Flat Pack X28C010FI-20 X28C010FI-20 200ns -40 to +85 32-Ld Flat Pack X28C010FM X28C010FM - -55 to +125 32-Ld Flat Pack X28C010FM-12 X28C010FM-12 120ns -55 to +125 32-Ld Flat Pack X28C010FMB-12 C X28C010FMB-12 120ns MIL-STD-883 32-Ld Flat Pack X28C010FMB-15 C X28C010FMB-15 150ns MIL-STD-883 32-Ld Flat Pack X28C010K-25 X28C010K-25 250ns 0 to +70 36-Ld Pin Grid Array G36.760x760A X28C010KM-12 X28C010KM-12 120ns -55 to +125 36-Ld Pin Grid Array G36.760x760A X28C010KM-25 X28C010KM-25 250ns -55 to +125 36-Ld Pin Grid Array G36.760x760A X28C010KMB-12 C X28C010KMB-12 120ns MIL-STD-883 36-Ld Pin Grid Array G36.760x760A X28C010KMB-15 C X28C010KMB-15 150ns MIL-STD-883 36-Ld Pin Grid Array G36.760x760A X28C010NM-12 X28C010NM-12 120ns -55 to +125 32-Ld Extended LCC X28C010NM-15 X28C010NM-15 150ns -55 to +125 32-Ld Extended LCC X28C010NMB-12 C X28C010NMB-12 120ns MIL-STD-883 32-Ld Extended LCC X28C010NMB-15 C X28C010NMB-15 150ns MIL-STD-883 32-Ld Extended LCC X28C010RI-12 X28C010RI-12 120ns -40 to +85 32-Ld Ceramic SOIC (Gull Wing) X28C010RI-20 X28C010RI-20 200ns -40 to +85 32-Ld Ceramic SOIC (Gull Wing) X28C010RI-20T1 X28C010RI-20 200ns -40 to +85 32-Ld Ceramic SOIC (Gull Wing) X28C010RM-15 X28C010RM-15 150ns -55 to +125 32-Ld Ceramic SOIC (Gull Wing) X28C010RMB-25 C X28C010RMB-25 250ns MIL-STD-883 32-Ld Ceramic SOIC (Gull Wing) X28HT010W 200ns -40 to +175 Wafer |