công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TW2866C bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện TW2866C
Giải thích chi tiết về linh kiện  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  TW2866C Datasheet HTML 1Page - Renesas Technology Corp TW2866C Datasheet HTML 2Page - Renesas Technology Corp TW2866C Datasheet HTML 3Page - Renesas Technology Corp TW2866C Datasheet HTML 4Page - Renesas Technology Corp TW2866C Datasheet HTML 5Page - Renesas Technology Corp TW2866C Datasheet HTML 6Page - Renesas Technology Corp TW2866C Datasheet HTML 7Page - Renesas Technology Corp TW2866C Datasheet HTML 8Page - Renesas Technology Corp TW2866C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 2 of 143
February 3, 2012
Block Diagram
VD3[7:0]
MPP1
ACLKR
VD1[7:0]
VD2[7:0]
VD4[7:0]
MPP2
MPP3
MPP4
ASYNR
ADATR
ADATM
AOUT
ACLKP
ASYNP
ADATP
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
CLKPOn
XTI
CLKNOn
SCLK
SDAT
IRQ
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
ADC
4H Comb
Video Decoder
Decimation Filter
ADC
ADC
4H Comb
Video Decoder
ADC
ADC
4H Comb
Video Decoder
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
VIN4A
VIN4B
AIN3
AIN2
AIN1
ADC
AIN4
AIN5
ADC
Decimation Filter
Decimation Filter
DAC
Interpolation Filter
Digital Video
Encoder
DAC
DAC
VYOUT
VCOUT
ENCLK
ED[7:0]
XTO
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
TW2866-LC1-CR
TW2866 LC1-CR
128 Ld LQFP
Q128.14x14
NOTE:
1.
These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die
attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More