| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC908AS60AD/D bảng dữ liệu(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC908AS60AD/D bảng dữ liệu(HTML) 1 Page - NXP Semiconductors |
|
1 / 4 page ![]() HC908AS60AD/D 11/2001 Addendum to MC68HC908AS60 Technical Data Addendum This addendum provides changes to the MC68HC908AS60 Technical Data (Motorola document order number MC68HC908AS60/D Rev. 1.0). NOTE: To provide the most up-to-date information, the revision of our documents on the World Wide Web will be the most current. Your printed copy may be an earlier revision. To verify you have the latest information available, refer to: http://www.motorola.com/semiconductors/ Page 390 22.5 Interrupts — Change the first bulleted paragraph. From: • TIMA overflow flag (TOF) — The TOF bit is set when the TIMA counter value rolls over to $0000 after matching the value in the TIMA counter modulo registers. The TIMA overflow interrupt enable bit, TOIE, enables TIMA overflow CPU interrupt requests. TOF and TOIE are in the TIMA status and control register. To: • TIM overflow flag (TOF) — The timer counter value changes on the falling edge of the internal bus clock. The timer overflow flag (TOF) bit is set on the falling edge of the internal bus clock following the timer rollover to $0000. The TIM overflow interrupt enable bit, TOIE, enables TIM overflow interrupt requests. TOF and TOIE are in the TIM status and control registers. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Số phần tương tự - HC908AS60AD/D |
|
Mô tả tương tự - HC908AS60AD/D |