công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56366P bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện DSP56366P
Giải thích chi tiết về linh kiện  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  DSP56366P Datasheet HTML 1Page - NXP Semiconductors DSP56366P Datasheet HTML 2Page - NXP Semiconductors DSP56366P Datasheet HTML 3Page - NXP Semiconductors DSP56366P Datasheet HTML 4Page - NXP Semiconductors DSP56366P Datasheet HTML 5Page - NXP Semiconductors DSP56366P Datasheet HTML 6Page - NXP Semiconductors DSP56366P Datasheet HTML 7Page - NXP Semiconductors DSP56366P Datasheet HTML 8Page - NXP Semiconductors DSP56366P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Overview
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
1-3
1.1
Features
1.1.1
DSP56300 Modular Chassis
•
120 Million Instructions Per Second (MIPS) with an 120 MHz clock at 3.3V.
•
Object Code Compatible with the 56K core.
•
Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter. 16-bit arithmetic
support.
•
Program Control with position independent code support and instruction cache support.
•
Six-channel DMA controller.
•
PLL based clocking with a wide range of frequency multiplications (1 to 4096), predivider factors
(1 to 16) and power saving clock divider (2i: i=0 to 7). Reduces clock noise.
•
Internal address tracing support and OnCE
™ for Hardware/Software debugging.
•
JTAG port.
•
Very low-power CMOS design, fully static design with operating frequencies down to DC.
•
STOP and WAIT low-power standby modes.
1.1.2
On-chip Memory Configuration
•
7Kx24 Bit Y-Data RAM and 8Kx24 Bit Y-Data ROM.
•
13Kx24 Bit X-Data RAM and 32Kx24 Bit X-Data ROM.
•
40Kx24 Bit Program ROM.
•
3Kx24 Bit Program RAM and 192x24 Bit Bootstrap ROM. 1K of Program RAM may be used as
Instruction Cache or for Program ROM patching.
•
2Kx24 Bit from Y Data RAM and 5Kx24 Bit from X Data RAM can be switched to Program RAM
resulting in up to 10Kx24 Bit of Program RAM.
1.1.3
Off-chip Memory Expansion
•
External Memory Expansion Port.
•
Off-chip expansion up to two 16M x 24-bit word of Data memory.
•
Off-chip expansion up to 16M x 24-bit word of Program memory.
•
Simultaneous glueless interface to SRAM and DRAM.
1.1.4
Peripheral Modules
•
Serial Audio Interface (ESAI): up to 4 receivers and up to 6 transmitters, master or slave. I2S, Sony,
AC97, network and other programmable protocols.
•
Serial Audio Interface I(ESAI_1): up to 4 receivers and up to 6 transmitters, master or slave. I2S,
Sony, AC97, network and other programmable protocols
The ESAI_1 shares four of the data pins with ESAI, and ESAI_1 does NOT support HCKR and
HCKT (high frequency clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com