công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1175-2ARMZ-R7 bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện ADM1175-2ARMZ-R7
Giải thích chi tiết về linh kiện  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1175-2ARMZ-R7 bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button ADM1175-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADM1175
Rev. 0 | Page 23 of 24
KELVIN SENSE RESISTOR CONNECTION
When using a low value sense resistor for high current
measurement, the problem of parasitic series resistance may
arise. The lead resistance can be a substantial fraction of the
rated resistance, making the total resistance a function of lead
length. This problem can be avoided by using a Kelvin sense
connection. This type of connection separates the current path
through the resistor and the voltage drop across the resistor.
Figure 46 shows the correct way to connect the sense resistor
between the VCC pin and the SENSE pin of the ADM1175.
SENSE RESISTOR
KELVIN SENSE TRACES
VCC
SENSE
ADM1175
CURRENT
FLOW FROM
SUPPLY
CURRENT
FLOW TO
LOAD
Figure 46. Kelvin Sense Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24