| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA700 bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA700 bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 43 page ![]() TAPE AND REEL BOX DIMENSIONS Width (mm) H Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) PINA700AYWFR DSBGA YWF 8 3000 182 182 20 12.2 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 INA700 SBOSAB4 – MAY 2023 www.ti.com 40 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: INA700 |