công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OXU121HP bảng dữ liệu(PDF) 2 Page - Oxford Semiconductor

tên linh kiện OXU121HP
Giải thích chi tiết về linh kiện  USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OXFORD [Oxford Semiconductor]
Trang chủ  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXU121HP bảng dữ liệu(HTML) 2 Page - Oxford Semiconductor

  OXU121HP Datasheet HTML 1Page - Oxford Semiconductor OXU121HP Datasheet HTML 2Page - Oxford Semiconductor OXU121HP Datasheet HTML 3Page - Oxford Semiconductor OXU121HP Datasheet HTML 4Page - Oxford Semiconductor OXU121HP Datasheet HTML 5Page - Oxford Semiconductor OXU121HP Datasheet HTML 6Page - Oxford Semiconductor OXU121HP Datasheet HTML 7Page - Oxford Semiconductor OXU121HP Datasheet HTML 8Page - Oxford Semiconductor OXU121HP Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
External--Free Release
DS-0040 Aug 06
OXU121HP Data Sheet
Oxford Semiconductor, Inc.
Allows up to 8 bi‐directional endpoints and transfers for support 
of multi‐function systems
Configurable hardware Host Negotiation Protocol (HNP) and 
Session Request Protocol (SRP)
Transaction scheduling and transfer level protocol implemented 
in hardware (including data toggle, retry and bandwidth 
management) for high performance
Operating temperature range: ‐40 to 85 degrees C
Device
Overview
The Oxford Semiconductor OXU121HP (formerly TD1120) is a single‐
chip USB On‐The‐Go (OTG) controller that incorporates a full‐speed host 
and a high‐speed peripheral controller. It enables an embedded system 
to operate as a USB host and a peripheral simultaneously, thereby 
dramatically expanding the degree of interconnectivity and extending 
the applicability of USB into many new areas, especially in mobile 
communication, consumer electronics, and printer applications. The 
combination of the OXU121HP high‐speed peripheral and full‐speed 
host controller enables users to perform high‐speed USB data transfer for 
peripheral connectivity when connected to a host device, and operate at 
full speed in host mode operation to maximize system battery life in a 
mobile environment.
The OXU121HP is ideal for mobile applications. It enables high‐speed 
PC synchronization to reduce data file transfer time when operating in 
USB peripheral mode. In host mode, it enables the system to connect to a 
wide range of USB devices such as flash drives, keyboards, mice, and 
digital still cameras (DSC). These mobile applications include smart 
phones, PDAs, MP3 players, portable media players, digital photo 
albums, and GPS devices.
The OXU121HP is well suited for PictBridge printers. It enables high‐
speed data transfer between PC and printer. While utilizing the host 
port, it adds PictBridge printing capability to the printer to support 
direct photo printing from a DSC. The OXU121HP replaces existing two‐
chip solutions by combining discrete host and peripheral controllers into 
a single chip, thus minimizing system cost, board space, design 
complexity, and power consumption.
The OXU121HP allows for simultaneous host and peripheral operation. 
The ports can be configured in one of two modes:
1 OTG + 1 Host: one OTG port and one full‐speed host port
1 Peripheral + 2 Host: one high‐speed peripheral port and two 
full‐speed host ports
Software solutions for the OXU121HP include USB device drivers and 
the Oxford Semiconductor USBLinkTM product suite. The USBLink host, 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com