công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC604EC bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện MPC604EC
Giải thích chi tiết về linh kiện  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 13Page - NXP Semiconductors MPC604EC Datasheet HTML 14Page - NXP Semiconductors MPC604EC Datasheet HTML 15Page - NXP Semiconductors MPC604EC Datasheet HTML 16Page - NXP Semiconductors MPC604EC Datasheet HTML 17Page - NXP Semiconductors MPC604EC Datasheet HTML 18Page - NXP Semiconductors MPC604EC Datasheet HTML 19Page - NXP Semiconductors MPC604EC Datasheet HTML 20Page - NXP Semiconductors MPC604EC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
604 Hardware Specifications
17
Preliminary/Subject to Change without Notice
BG
L01
Low
Input
BR
B06
Low
Output
CI
E01
Low
Output
CKSTP_IN
D08
Low
Input
CKSTP_OUT
A06
Low
Output
CLK_OUT
D07
—
Output
CSE0–CSE1
B01, B05
High
Output
DBB
J14
Low
I/O
DBG
N01
Low
Input
DBDIS
H15
Low
Input
DBWO
G04
Low
Input
DH0–31
P14, T16, R15, T15, R13, R12, P11, N11, R11,T12, T11,
R10, P09, N09, T10, R09, T09, P08, N08, R08, T08, N07,
R07, T07, P06, N06, R06, T06, R05, N05, T05, T04
High
I/O
DL0–DL31
K13, K15, K16, L16, L15, L13, L14, M16, M15, M13, N16,
N15, N13, N14, P16, P15, R16, R14, T14, N10, P13, N12,
T13, P03, N03, N04, R03, T01, T02, P04, T03, R04
High
I/O
DP0–DP7
M02, L03, N02, L04, R01, P02, M04, R02
High
I/O
DPE
A05
Low
Output
DRTRY
G16
Low
Input
DRVMOD0–DRVMOD1 2
D05, C03
High
Input
GBL
F01
Low
I/O
GND
C05, C12, E03, E06, E08, E09, E11, E14, F05, F07, F10,
F12, G06, G08, G09, G11, H05, H07, H10, H12, J05, J07,
J10, J12, K06, K08, K09, K11, L05, L07, L10, L12, M03,
M06, M08, M09, M11, M14, P05, P12
——
HALTED
B08
High
Output
HRESET
A07
Low
Input
INT
B15
Low
Input
L1_TSTCLK 1
D11
Low
Input
L2_INT
D06
High
Input
L2_TSTCLK 1
D12
Low
Input
LSSD_MODE 1
B10
Low
Input
MCP
C13
Low
Input
OVDD 3
C07, E05, E07, E10, E12, G03, G05, G12, G14, K03, K05,
K12, K14, M05, M07, M10, M12, P07, P10
——
Table 10. Pinout Listing for the BGA Package (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32