công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC106ARX66CG bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện MPC106ARX66CG
Giải thích chi tiết về linh kiện  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106ARX66CG bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  MPC106ARX66CG Datasheet HTML 1Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 2Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 3Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 4Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 5Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 6Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 7Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 8Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Features
•
Secondary (L2) cache control
— Configurable for write-through or write-back operation
— Supports cache sizes of 256 Kbytes, 512 Kbytes, and 1 Mbyte
— Up to 4 Gbytes of cacheable space
— Direct-mapped
— Supports byte parity
— Supports partial update with external byte decode for write enables
— Programmable interface timing
— Supports pipelined burst, synchronous burst, or asynchronous SRAMs
— Alternately supports an external L2 cache controller or integrated L2 cache module
•
Memory interface
— 1 Gbyte of RAM space, 16 Mbytes of ROM space
— Supports parity or error checking and correction (ECC)
— High-bandwidth, 64-bit data bus (72 bits including parity or ECC)
— Supports fast page mode DRAMs, extended data out (EDO) DRAMs, and synchronous
DRAMs (SDRAMs)
— Supports 1 to 8 banks of DRAM/EDO/SDRAM with sizes ranging from 2 Mbyte to
128 Mbytes per bank
— ROM space may be split between the PCI bus and the 60x/memory bus (8 Mbytes each)
— Supports 8-bit asynchronous ROM or 64-bit burst-mode ROM
— Supports writing to Flash ROM
— Configurable external buffer control logic
— Programmable interface timing
•
PCI interface
— Compliant with PCI Local Bus Specification, Revision 2.1
— Supports PCI interlocked accesses to memory using LOCK signal and protocol
— Supports accesses to all PCI address spaces
— Selectable big- or little-endian operation
— Store gathering on PCI writes to memory
— Selectable memory prefetching of PCI read accesses
— Only one external load presented by the MPC106 to the PCI bus
— Interface operates at 20–33 MHz
— Word parity supported
— 3.3 V/5.0 V-compatible
•
Support for concurrent transactions on 60x and PCI buses
•
Power management
— Fully-static 3.3-V CMOS design
— Supports 60x nap, doze, and sleep power management modes and suspend mode
•
IEEE 1149.1-compliant, JTAG boundary-scan interface
•
304-pin ceramic ball grid array (CBGA) package
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com