| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SB4-OR-4XP-4M bảng dữ liệu(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
SB4-OR-4XP-4M bảng dữ liệu(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 7 page ![]() Safety control unit SB4-OR-4XP-4M < Evaluation unit for security through-beam sensors SLA5(S) and SLA40; for safety light grids SLP, for safety light curtains SLC; for switching pads and emergency stop buttons of categories 2 and 4 < 4 sensor channels < Self-monitoring (type 4 according to IEC/EN 61496-1) < Operating mode can be selected by means of DIP switches < Start/Restart disable < Relay monitor < Sequential and parallel muting in various operating modes < Double muting < Emergency muting for the correction of the material jam < Stability alarm indication < Clearly visible LED functional display < 7-segment diagnostic display < Safety outputs OSSD, external status displays OSSD Safety control unit Functional Safety Dimensions 107.5 112.7 67.8 13 14 15 16 9 10 11 12 13 14 15 16 9 10 11 12 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 13 14 15 16 9 10 11 12 1 2 3 4 5 6 7 8 13 14 15 16 9 10 11 12 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 13 14 15 16 9 10 11 12 1 2 3 4 5 6 7 8 13 14 15 16 9 10 11 12 Technical Data General specifications Operating mode Start/restart disable, relay monitor, muting operating modes Functional safety related parameters Safety Integrity Level (SIL) SIL 3 Performance level (PL) PL e Category Cat. 4 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
Số phần tương tự - SB4-OR-4XP-4M |
|
Mô tả tương tự - SB4-OR-4XP-4M |