công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZU6.2BL bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện PZU6.2BL
Giải thích chi tiết về linh kiện  Single Zener diodes in a SOD882 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZU6.2BL bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  PZU6.2BL Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZU6.2BL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PZUxBL series
Single Zener diodes in a SOD882 package
5. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
[1] -
see: Table 8
PZSM
non-repetitive peak reverse
power dissipation
[1] -
40
W
[2] -
250
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
500
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
+150
°C
Tstg
storage temperature
-65
+150
°C
[1] tp = 100 μs; square wave; Tj = 25 °C prior to surge
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1cm2.
6. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1] -
-
500
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2] -
-
250
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3] -
-
55
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1cm2.
[3] Soldering point of cathode tab.
7. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 10 mA
[1] -
-
0.9
V
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
PZUXBL_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 11 November 2019
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com