| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9389/PCB bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9389/PCB bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 48 page ![]() AD9389 Rev. 0 | Page 26 of 48 Hex Address Read/Write or Read Only Bits Default Value Register Name Description [7] 0******* GC_pkt_en 1 = enable general control packet. Default = 0. [6] *0****** SPD_pkt_en 1 = enable source product descriptor packet. Default = 0. [5] **0***** MPEG_pkt_en 1 = enable MPEG packet. Default = 0. [4] ***0**** ACP_pkt_en 1 = enable ACP packet. Default = 0. 0x40 Read/Write [3] ****0*** ISRC_pkt_en 1 = enable ISRC packet. Default = 0. [6] *1****** system_PD 0 = all circuits powered up. 1 = power down the whole chip, except I2C, HPD interrupt and MSEN interrupt. Default = 1. [5] **0***** Test bit Must be set to 0. [4] ***1**** INTR_pol Interrupt polarity. 0 = low active interrupt. 1 = high active interrupt. Default = 1. 0x41 Read/Write [3] ****0*** initiate_scan 1 = initiate scan. Default = 1. [7] 1******* PD_pol Polarity for power-down pin. 0 = low active. 1 = high active. [6] *0****** HPD_state State of the hot plug detection. 0 = hot plug detect inactive. 1 = hot plug active. 0x42 Read [5] **0***** MSEN_state State of the monitor connection. 0 = HDMI clock termination not detected. 1 = HDMI clock termination detected. 0x43 Read/Write [7:0] 01111110 EDID_ID The I2C address for EDID memory. Default = 0x7E. [7] 0******* spdif_en 1 = enable S/PDIF receiver. Default = 0. [6] *1****** N_CTS_pkt_en 1 = enable N_CTS packet. Default = 1. [5] **1***** audio_sample_pkt_en 1 = enable audio sample packet. Default = 1. [4] ***1**** aviIF_pkt_en 1 = enable avi info frame. Default = 1. 0x44 Read/Write [3] ****1*** audioIF_pkt_en 1 = enable audio info frame. Default = 1. [7] 0******* clear_avmute 1 = clear av mute. Default = 0. [6] *0****** set_avmute 1 = set av mute. Default = 0. [5:4] **00**** Y1Y0 Output format, should be written when 0x16[7:6] is written. 00 = RGB. 01 = YCbCr 4:2:2. 10 = YCbCr 4:4:4. 11 = reserved. Default = 00. [3] ****0*** Active Format Information Status Active format information present. 0 = no data. 1 = active format information valid. Default = 0. 0x45 Read/Write [2:1] *****00* Bar Information B[1:0]. 00 = no bar information. 01 = horizontal bar information valid. 10 = vertical bar information valid. 11 = horizontal and vertical bar information valid. Default = 00. |