công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3793RHB bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện PCM3793RHB
Giải thích chi tiết về linh kiện  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793RHB bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  PCM3793RHB Datasheet HTML 1Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 2Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 3Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 4Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 5Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 6Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 7Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 8Page - Burr-Brown (TI) PCM3793RHB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3793
PCM3794
SLES193A – AUGUST 2006 – REVISED SEPTEMBER 2006
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PCM3793RHB, PCM3794RHB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Audio Data Characteristics
DATA FORMAT
Resolution
16
Bits
Audio data interface format
I2S, left-, right-justified, DSP
Audio data bit length
16
Bits
Audio data format
MSB first, 2s complement
Sampling frequency (fS)
5
50
kHz
VDD < 2 V
27
System clock
MHz
VDD > 2 V
40
Digital Input/Output
Logic family
CMOS compatible
VIH
0.7 VIO
VDC
Input logic level
VIL
0.3 VIO
VDC
IIH
VIN = 3.3 V
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.75 VIO
VDC
Output logic level
VOL
IOL = 2 mA
0.25 VIO
VDC
Digital Input to Line Output Through DAC (LOL, LOR, and MONO)
RL = 10 kΩ, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = disabled
DYNAMIC PERFORMANCE
0 dB
2.828
Vp-p
Full-scale output voltage
1
Vrms
Dynamic range
EIAJ, A-weighted
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
86
93
dB
Channel separation
91
dB
THD+N
Total harmonic distortion + noise
0 dB
0.008%
Load resistance
10
k
Ω
Line Input to Line Output Through Mixing Path (LOL, LOR, and MONO)
RL = 10 kΩ, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = enabled
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale input and output
0 dB
voltage
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com