| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM14C1D-B24-R008S bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EM14C1D-B24-R008S bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. EM14 - 14 mm Rotary Optical Encoder w/Switch Part Numbering System E M 14 A 0 D - C 24 - L 0 3S 2 EM14 14 mm Rotary Optical Encoder Code A C R Description 3/8 " D x 3/8 " L Threaded 1/4 " D x 1/4 " L Threaded 10 mm D x 9.5 mm L Threaded BUSHING CONFIGURATION Code 008 016 032 064 Description 8 PPR 16 PPR 32 PPR 64 PPR RESOLUTION (Pulses Per Revolution) MODEL NO. DESIGNATOR Code A D Description A/R Lug None ANTI-ROTATION LUG/BRACKET OPTION Code 0 1 Description No Detent 32 Detents (Available with 8 or 32 PPR only) DETENT OPTION Code S N Description Push Switch No Switch SWITCH OPTION Code L R Description Axial Multi-Purpose Pin Radial Multi-Purpose Pin TERMINAL CONFIGURATION Code B C E R M Description 1/4 " Dia. Slotted End 1/4 " Dia. Flatted End 1/8 " Dia. Slotted End 6 mm Dia. Slotted End 6 mm Dia. Flatted End Available w/ Bushing A A C R R SHAFT STYLE (See Outline Drawing for Details) Code 24 28 20 25 Length (FMS) 3/4 " 7/8 " 20 mm 25 mm Available w/Bushing A, C A, C R R SHAFT LENGTH DESIGNATOR |