| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXHQ100PI bảng dữ liệu(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXHQ100PI bảng dữ liệu(HTML) 4 Page - IXYS Corporation |
|
4 / 4 page ![]() 4 R C>F R F>F R C>F! R F>F! Backplane Power Source V ! Time V ! + _ I ! Time I ! C @! Load3 Card Using the IXHQ100 active filter minimizes the number of extra de-coupling capacitors. This improves noise immunity of the circuit board. Additionaly, low output impedance of the filter also improves the performance of noise cancellation on power lines. An extra advantage of using the IXHQ100 over capaci- tors is the amount of space one can save. Figure 6 gives an example of cross talk noise cancellation by the IXHQ100 and an comparison of the size difference between an IXHQ100 chip and a capacitor (to scale). IXHQ 100PI IXHQ 100SI Figure 5 |