| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-LR bảng dữ liệu(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LR bảng dữ liệu(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-S, MF-LS, MF-LR and MF-VS Series Tape and Reel Specifications Reel Dimensions Taped Component Dimensions PASTEBOARD HOLD PASTEBOARD HOLD 4.0 ± 0.2 (.157 ± .008) 2.0 (.079) RADIUS DIA. 1.0 + 0.1/ -0 (.039 + .004/-0) 5.56 ± 0.10 (.219 ± .004) 4.0 ± 0.1 (.157 ± .004) 12.0 ± 0.1 (.472 ± .004) 48.0 ± 0.3 (1.90 ± .012) 0.2 (.008) MAX. 8.0 ± 0.2 (.315 ± .008) 13.0 (.512) DIA. 330 (13.0) |