| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA12J2GS2ADQF bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DA12J2GS2ADQF bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 5 page ![]() Dimensions are shown: Inch (mm) Dimensions subject to change www.ittcannon.com 5 ACTUATOR C&K DA Series Miniature Single Pole Rocker Switches ACTUATOR COLOR OPTION ACTUATOR CODE COLOR 2 (STD.) BLACK 1 WHITE 3 RED R RED, ILLUMINATED A AMBER, ILLUMINATED G GREEN, ILLUMINATED J4 CIRCLE, ILLUMINATED ROCKER NOTE: Available with DA102 switch function and 7 & 8 lamp ratings only. J5 OVAL, ILLUMINATED ROCKER NOTE: Available with DA102 switch function and 6 lamp rating only. .389 (9,88) .142 (3,6) .389 (9,88) .142 (3,6) MOUNTING STYLE/COLOR S2, S1 & G2 PANEL MOUNTING PANEL THICKNESS “X” “Y” 0.030-0.049 (0,75-1,25) 0.756-.004 (19,2-0,1) 0.512+.004 (13,0+0,1) 0.049-0.079 (1,25-2,0) 0.764-.004 (19,4-0,1) 0.512+.004 (13,0+0,1) 0.079-0.118 (2,0-3,0) 0.779-.004 (19,8-0,1) 0.512+.004 (13,0+0,1) S2 (STD.) SNAP-IN, BLACK S1 SNAP-IN, WHITE B2 RECESSED SNAP-IN BRACKET, BLACK G2 GUARD, BLACK NOTE: Available with DA10X switch functions only. .820 (20,83) 1.200 (30,48) .080 (2,03) 1.244 (31,60) .700 (17,78) .350 (8,89) 1.064 (27,03) .940 (23,88) NOTE: Available with DA10X switch functions only. PANEL THICKNESS “Y” 0.030-0.049 (0,75-0,25) 1.068 (27,13) 0.049-0.079 (1,25-2,0) 1.076 (27,33) 0.079-0.118 (2,0-3,0) 1.092 (27,74) B2 PANEL MOUNTING OPTION ACTUATOR CODE COLOR TOP BOTTOM 1 WHITE RED 2 WHITE BLACK 3 RED WHITE 4 BLACK WHTE 5 BLACK RED J2 actuator only |