| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAS16J bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAS16J bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved |
|
5 / 21 page ![]() © Nexperia B.V. 2017. All rights reserved BAS16_SER All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 6 — 24 September 2014 5 of 21 Nexperia BAS16 series High-speed switching diodes 6. Thermal characteristics [1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. [2] Device mounted on an FR4 PCB with 60 m copper strip line. [3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2. [4] Single diode loaded. [5] Soldering point of cathode tab. [6] Soldering points at pins 4, 5 and 6. Table 7. Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Rth(j-a) thermal resistance from junction to ambient in free air BAS16 [1] - - 500 K/W BAS16H [2] - - 330 K/W [3] - - 150 K/W BAS16J [3] - - 230 K/W BAS16L [2] - - 500 K/W BAS16VV [2][4] - - 700 K/W [3][4] - - 410 K/W BAS16W [1] - - 625 K/W Rth(j-sp) thermal resistance from junction to solder point BAS16 - - 330 K/W BAS16H [5] --70 K/W BAS16J [5] --55 K/W BAS16T - - 350 K/W BAS16VY [4][6] - - 260 K/W BAS16W - - 300 K/W BAS316 [5] - - 150 K/W BAS516 [5] - - 120 K/W |