công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIL1102B02CSD25 bảng dữ liệu(PDF) 1 Page - ITT Industries

tên linh kiện MIL1102B02CSD25
Giải thích chi tiết về linh kiện  1-4 Pole Miniature Right
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

MIL1102B02CSD25 bảng dữ liệu(HTML) 1 Page - ITT Industries

  MIL1102B02CSD25 Datasheet HTML 1Page - ITT Industries MIL1102B02CSD25 Datasheet HTML 2Page - ITT Industries MIL1102B02CSD25 Datasheet HTML 3Page - ITT Industries MIL1102B02CSD25 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K-22
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K MIL Series
1-4 Pole Miniature Right
K
Features/Benefits
• Bushing option for panel mounting
• 1 to 4 poles per bank and up to
5 banks per switch
• Totally sealed (insert molded contacts
and terminals)
• Low profile – 12 mm above PCB
Typical Applications
• Telecom switching equipment
• Military communications
• Instrumentation
• Medical monitors
Specifications
CONTACT RATING: Switch: 20 mA, 1 VA max. resistive load
Carry: 1 AMP.
ELECTRICAL LIFE: 20,000 operations.
OPERATING TORQUE: < 6 Ncm.
STOP STRENGTH: > 50 Ncm.
CONTACT RESISTANCE: < 40 m
Ω
INSULATION RESISTANCE: 109
Ω
DIELECTRIC STRENGTH: 500 V rms
OPERATING TEMPERATURE: –40ºC to + 85ºC
STORAGE TEMPERATURE: –55ºC to + 85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: Thermoplastic (nylon) and thermoset (diallyl phthalate)
ACTUATOR: Steel
MOVABLE CONTACTS: Brass, gold plated.
ROTOR: Thermoset (polysulfone)
O-RING: Silicone
STATIONARY CONTACTS & TERMINALS: Brass, gold plated.
TERMINAL SEAL: Totally sealed (insert molded).
BUSHING: Brass
STOP PIN: Stainless steel
HARDWARE: Nut: Brass, nickel plated. Washer: Brass, nickel plated.
Gasket: Neopren.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-23 thru K-25. For additional options not shown in catalog, consult Customer Service Center.
Designation
MIL
Number of Banks
1
(STD.) 1 Bank
2
2 Banks
3
3 Banks
4
4 Banks
5
5 Banks
Switch Function
112S
(STD.) SP, 30° Index, 12 pos. no stop
102B02 SP, 30° Index, 2 pos.
103B03 SP, 30° Index, 3 pos.
104B04 SP, 30° Index, 4 pos.
105B05 SP, 30° Index, 5 pos.
106B06 SP, 30° Index, 6 pos.
107B07 SP, 30° Index, 7 pos.
108B08 SP, 30° Index, 8 pos.
109B09 SP, 30° Index, 9 pos.
110B10 SP, 30° Index, 10 pos.
111B11 SP, 30° Index, 11 pos.
112B12 (STD.) SP, 30° Index, 12 pos.
206S
(STD.) DP, 30° Index, 6 pos. no stop
202B02 DP, 30° Index, 2 pos.
203B03 DP, 30° Index, 3 pos.
204B04 DP, 30° Index, 4 pos.
205B05 DP, 30° Index, 5 pos.
206B06 (STD.) DP, 30° Index, 6 pos.
303S
3P, 30° Index, 3 pos. no stop
302B02 3P, 30° Index, 2 pos.
303B03 3P, 30° Index, 3 pos.
402S
4P, 30° Index, 2 pos. no stop
402B02 4P, 30° Index, 2 pos.
Actuator Option
(NONE) (STD.) 4 mm diameter shaft
M10X3 4 mm shaft with flat
F2X1
4 mm shaft with screwdriver slot
Actuator Option Angle*
(NONE) (STD.)
K0
0° angle
K30
30° angle
K60
60° angle
K90
90° angle
K120 120° angle
K180 180° angle
K270 270° angle
Actuator Option Length**
25 (STD.) 25 mm standard shaft
Switching Mode
N (STD.) Non-shorting BBM (break-before-make)
C Shorting, MBB (make-before-break)
Mounting Style
SD (STD.) Without panel mount
AD (STD.) With panel mount
* Other angles available by request
** Other lengths available by request.


Số phần tương tự - MIL1102B02CSD25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Delevan
MIL1330-00K API-MIL1330-00K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
MIL1330-00K API-MIL1330-00K Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330-02K API-MIL1330-02K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
MIL1330-02K API-MIL1330-02K Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330-04K API-MIL1330-04K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
More results

Mô tả tương tự - MIL1102B02CSD25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
4 POLE POLARIZED MINIATURE DIP RELAY
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
1-6 Pole Miniature Rotary Switches
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
4 POLE POLARIZED MINIATURE DIP RELAY
logo
fujitsu semiconductor
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
1 Pole Miniature Power PC Board Relay
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
1-4 Pole Rotary Switches
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
4 POLE POLARIZED MINIATURE DIP RELAY
logo
Neutrik AG
NP2RX-TIMBRE NEUTRIK-NP2RX-TIMBRE Datasheet
75Kb / 3P
Right angle 1/4' 2 pole timbre plug
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com