| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR15/D bảng dữ liệu(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR15/D bảng dữ liệu(HTML) 56 Page - NXP Semiconductors |
|
56 / 101 page ![]() 3-4 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Pin-out and Package Information Figure 3-3 Top View of the 132-pin Ceramic (FE) Quad Flat Package (Top View) nc H3/PB3 H2/PB2 nc H1/PB1 GNDH GNDH H0/PB0 nc RXD/PC0 TXD/PC1 SCLK/PC2 nc SC0/PC3 SCK/PC6 GNDQ GNDQ VCCQ VCCQ SC2/PC5 nc STD/PC8 SC1/PC4 nc SRD/PC7 BG/BS nc BR/WT WR RD X/Y DS nc nc D20 D19 D18 GNDD GNDD nc D17 D16 nc D15 D14 D13 nc D12 VCCD VCCD D11 nc D10 D9 nc D8 D7 D6 GNDD GNDD nc D5 D4 D3 D2 nc 84 18 Orientation Mark Note: 1. “nc” are no connection pins that are reserved for possible future enhancements. Do not connect these pins to any power, ground, signal traces, or vias. 2. An OVERBAR indicates the signal is asserted when the voltage = ground (active low). 3. To simplify locating the pins, each fifth pin is shaded in the illustration. AA0900 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |