| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR12/D bảng dữ liệu(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR12/D bảng dữ liệu(HTML) 58 Page - NXP Semiconductors |
|
58 / 101 page ![]() 3-6 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Pin-out and Package Information Figure 3-5 Top View of the 88-pin Ceramic (RC) Pin Grid Array Package XTAL EXTAL VCCQ GNDN A9 A8 RESET MODA/ IRQA A11 A10 HA2 GNDQ A7 HEN HREQ A2 HA1 HA0 VCCN A5 A6 HACK VCCH GNDN A3 A4 MODB/ IRQB D23 A12 (Top View) HR/W H7 GNDH GNDQ A0 A1 H6 H4 H2 H0 SC0 VCCQ SRD BG/BS RD DS PS H5 H3 H1 RXD TXD SCLK SCK SC2 STD SC1 BR/WT WR X/Y D19 D17 D15 D14 D13 D11 D10 D9 D8 D6 D4 D3 D0 D22 GNDD VCCD GNDD A15 A13 D21 D20 D18 D16 D12 D7 D5 D2 D1 A14 Note: 1. “nc” are no connection pins that are reserved for possible future enhancements. Do not connect these pins to any power, ground, signal traces, or vias. 2. An OVERBAR indicates the signal is asserted when the voltage = ground (active low). 3. To simplify locating the pins, each fifth pin is shaded in the illustration. AA0902 A B C D E F G H J K L M N Orientation Mark 123456789 10 11 12 13 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |