| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR11/D bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR11/D bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 101 page ![]() 1-12 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Synchronous Serial Interface Port SRD PC7 Input Input or Output Tri-stated SSI Receive Data—This input signal receives serial data and transfers the data to the SSI Receive Shift Register. Port C GPIO 7 (PC7) —This signal is GPIO signal PC7 when the SSI SRD function is not being used. After reset, the default state is GPIO input. STD PC8 Output Input or Output Tri-stated SSI Transmit Data (STD)—This output signal transmits serial data from the SSI Transmitter Shift Register. Port C GPIO 8 (PC8) —This signal is GPIO signal PC8 when the SSI STD function is not being used. After reset, the default state is GPIO input. Table 1-11 Synchronous Serial Interface (SSI) Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |