| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56307/D bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56307/D bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 156 page ![]() vi DSP56307 Technical Data MOTOROLA DSP56307 Product Documentation PRODUCT DOCUMENTATION The three documents listed in the following table are required for a complete description of the DSP56307 and are necessary to design properly with the part. Documentation is available from one of the following locations. (See the back cover for detailed information.) ¥ A local Motorola distributor ¥ A Motorola semiconductor sales office ¥ A Motorola Literature Distribution Center ¥ The World Wide Web (WWW) See Additional Support in the DSP56300 Family Manual for detailed information on the multiple support options available to you. DSP56307 Documentation Name Description Order Number DSP56300 Family Manual Detailed description of the DSP56300 family processor core and instruction set DSP56300FM/AD DSP56307 User’s Manual Detailed functional description of the DSP56307 memory configuration, operation, and register programming DSP56307UM/D DSP56307 Technical Data DSP56307 features list and physical, electrical, timing, and package specifications DSP56307/D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com Not Recommended for New Design |