công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APR1/D bảng dữ liệu(PDF) 56 Page - NXP Semiconductors

tên linh kiện APR1/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D bảng dữ liệu(HTML) 56 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 52Page - NXP Semiconductors APR1/D Datasheet HTML 53Page - NXP Semiconductors APR1/D Datasheet HTML 54Page - NXP Semiconductors APR1/D Datasheet HTML 55Page - NXP Semiconductors APR1/D Datasheet HTML 56Page - NXP Semiconductors APR1/D Datasheet HTML 57Page - NXP Semiconductors APR1/D Datasheet HTML 58Page - NXP Semiconductors APR1/D Datasheet HTML 59Page - NXP Semiconductors APR1/D Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
3-4
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
Figure 3-3 Top View of the 132-pin Ceramic (FE) Quad Flat Package
(Top View)
nc
H3/PB3
H2/PB2
nc
H1/PB1
GNDH
GNDH
H0/PB0
nc
RXD/PC0
TXD/PC1
SCLK/PC2
nc
SC0/PC3
SCK/PC6
GNDQ
GNDQ
VCCQ
VCCQ
SC2/PC5
nc
STD/PC8
SC1/PC4
nc
SRD/PC7
BG/BS
nc
BR/WT
WR
RD
X/Y
DS
nc
nc
D20
D19
D18
GNDD
GNDD
nc
D17
D16
nc
D15
D14
D13
nc
D12
VCCD
VCCD
D11
nc
D10
D9
nc
D8
D7
D6
GNDD
GNDD
nc
D5
D4
D3
D2
nc
84
18
Orientation Mark
Note: 1.
“nc” are no connection pins that are reserved for possible future enhancements. Do not
connect these pins to any power, ground, signal traces, or vias.
2.
An OVERBAR indicates the signal is asserted when the voltage = ground (active low).
3.
To simplify locating the pins, each fifth pin is shaded in the illustration.
AA0900
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More