công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56001A/D bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện DSP56001A/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56001A/D bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  DSP56001A/D Datasheet HTML 1Page - NXP Semiconductors DSP56001A/D Datasheet HTML 2Page - NXP Semiconductors DSP56001A/D Datasheet HTML 3Page - NXP Semiconductors DSP56001A/D Datasheet HTML 4Page - NXP Semiconductors DSP56001A/D Datasheet HTML 5Page - NXP Semiconductors DSP56001A/D Datasheet HTML 6Page - NXP Semiconductors DSP56001A/D Datasheet HTML 7Page - NXP Semiconductors DSP56001A/D Datasheet HTML 8Page - NXP Semiconductors DSP56001A/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
ii
DSP56001A/D, Rev. 1
MOTOROLA
TABLE OF CONTENTS
SECTION 1
SIGNAL/PIN DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1
SECTION 2
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1
SECTION 3
PACKAGING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1
SECTION 4
DESIGN CONSIDERATIONS (INCLUDES NOTES
FOR DSP56001 TO DSP56001A DESIGN CONVERSION) . . . . 4-1
SECTION 5
ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1
SECTION A
ROM TABLE LISTINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . A-1
FOR TECHNICAL ASSISTANCE:
Telephone:
1 (800) 521-6274
Email:
dsphelp@dsp.sps.mot.com
Internet:
http://www.motorola-dsp.com
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low; for example, the RESET
pin is active when low
“asserted”
Means that a high true (active high) signal is high or that a low true (active low)
signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low)
signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More