công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10-EP bảng dữ liệu(PDF) 73 Page - Texas Instruments

tên linh kiện DAC39RFS10-EP
Giải thích chi tiết về linh kiện  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10-EP bảng dữ liệu(HTML) 73 Page - Texas Instruments

Back Button DAC39RFS10-EP Datasheet HTML 69Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 70Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 71Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 72Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 73Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 74Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 75Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 76Page - Texas Instruments DAC39RFS10-EP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 178 page
background image
8.3.7.10 Operation in Subclass 0 Systems
The device can operate with subclass 0 compatibility provided that multi-DAC synchronization and deterministic
latency are not required. With these limitations, the device can operate without the application of SYSREF. The
internal LMFC is automatically self-generated with unknown starting phase. SYNC is used as normal to initiate
the CGS and ILAS.
8.3.7.11 Link Reset
The entire link layer for all lanes is reset any time:
• There is a gearbox FIFO underflow/overflow detected (LANE_ERR[0]) on a lane used by the JESD link
• There is an elastic buffer overflow detected (EB_ERR) on a lane used by the JESD link
• The JESD link goes down (JESD_LINK_DOWN_ALM)
• SYSREF causes clock divider or LMFC/LEMC realignment (REALIGNED)
• The JTimer expires (JTIMER_EXPIRED_ALM)
8.3.8 Alarm Generation
The alarm pin is useful for notifying the host controller of events that may require intervention. Any active alarms
in the SYS_ALM register asserts the alarm output if they are not masked in the ALM_MASK register.
8.4 Device Functional Modes
This section describes the functional modes of the device. Some of the features in this section have been
discussed in further detail in Feature Description.
8.4.1 DUC and DDS Modes
The device contains a DUC mode and a direct digital synthesis (DDS) mode. The data path mode uses complex
(I and Q) data from the JESD interface, interpolate and upconverts it in the DUCs, sums the DUC outputs and
generates the analog signal in the DAC. In DDS mode, the DUC NCOs are used directly to generate tones
without requiring input data.
the list below summarized how DDS mode differs from DUC mode:
1. Interpolation filters are not enabled
2. JESD204C interface is not enabled
3. NCOs use less power (no complex mixing)
4. AMP register supplies unique amplitudes for each DUC (DDS) channel, allowing DDS channels to generate
tones to cancel harmonic tones in the DAC output. For example, DDS channel 0 could produce a
fundamental tone, channel 1 could produce a tone to cancel HD2, and channel 2 could produce a tone
to cancel HD3.
5. 5. The JMODE and DUC_L registers are ignored and the SYSREF period constraints imposed by the
JESD204C system and interpolation filters are removed. See Table 8-3.
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com