công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 85 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 178 page
background image
8.5 Programming
The device contains two programming interfaces. The standard SPI interface to program the registers, while the
NCOs can be optionally controlled through the Fast Reconfiguration (FR) interface for fast frequency hopping.
8.5.1 Using the Standard SPI Interface
The standard SPI interface is accessed using the following four pins: serial clock (SCLK), serial data in (SDI),
serial data out (SDO), and serial interface chip-select ( SCS). Register access is enabled through the SCS pin.
8.5.1.1 SCS
This signal must be asserted low to access a register through the serial interface. Setup and hold times with
respect to the SCLK must be observed.
8.5.1.2 SCLK
Serial data input is accepted at the rising edge of this signal. SCLK has no minimum frequency requirement.
8.5.1.3 SDI
Each register access requires a specific 24-bit pattern at this input. This pattern consists of a read-and-write
(R/W) bit, register address, and register value. The data are shifted in MSB first and multi-byte registers are
always in little-endian format (least significant byte stored at the lowest address). Setup and hold times with
respect to the SCLK must be observed (see the Switching Characteristics table).
8.5.1.4 SDO
The SDO signal provides the output data requested by a read command. This output is high impedance during
write bus cycles and during the read bit and register address portion of read bus cycles.
8.5.1.5 Serial Interface Protocol
As shown in Figure 8-57, each register access consists of 24 bits. The first bit is high for a read and low for a
write.
The next 15 bits are the address of the register that is to be written to. During write operations, the last eight bits
are the data written to the addressed register. During read operations, the last eight bits on SDI are ignored and,
during this time, the SDO outputs the data from the addressed register. Figure 8-57 shows the serial protocol
details.
SCLK
1
24
Single Register Access
SCS
SDI
Command Field
Data Field
SDO
(read mode)
Data Field
High Z
High Z
17
16
8
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 8-57. Serial Interface Protocol: Single Read and Write
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com