công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL71218MBZ bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện ISL71218MBZ
Giải thích chi tiết về linh kiện  Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71218MBZ bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  ISL71218MBZ Datasheet HTML 1Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 2Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 3Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 4Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 5Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 6Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 7Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 8Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FN8921 Rev.2.00
Page 3 of 28
Jan 19, 2021
ISL71218M
Overview
1.
Overview
1.1
Ordering Information
1.2
Pin Configuration
ISL71218M
(8 Ld SOIC)
Top View
1.3
Pin Descriptions
Part Number
(Notes 2, 3)
Part
Marking
Temp Range
(°C)
Tape and Reel
(Units)
Package
(RoHS Compliant)
Pkg.
Dwg. #
ISL71218MBZ
71218 MBZ
-55 to +125
-
8 Ld SOIC
M8.15
ISL71218MBZ-T (Note 1)
71218 MBZ
-55 to +125
1k
8 Ld SOIC
M8.15
ISL71218MBZ-T7A (Note 1)
71218 MBZ
-55 to +125
250
8 Ld SOIC
M8.15
ISL71218MEVAL1Z
Evaluation Board
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and
NiPdAu-Ag plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL71218M device page. For more information about MSL, see TB363.
Pin Number
Pin Name
Equivalent Circuit
Description
1
OUT_A
Circuit 2
Amplifier A output
2
-IN_A
Circuit 1
Amplifier A inverting input
3
+IN_A
Circuit 1
Amplifier A non-inverting input
4V-
Circuit 1, 2, 3
Negative power supply
5
+IN_B
Circuit 1
Amplifier B non-inverting input
6
-IN_B
Circuit 1
Amplifier B inverting input
7
OUT_B
Circuit 2
Amplifier B output
8V+
Circuit 1, 2, 3
Positive power supply
OUT_A
-IN_A
+IN_A
V-
1
2
3
4
8
7
6
5
V+
OUT_B
-IN_B
+IN_B
+
-
+-
V+
V-
OUT
Circuit 2
Circuit 1
V+
V-
Circuit 3
IN-
V+
V-
IN+
Capacitively
Triggered ESD
Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com