công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NXT-400M-2002 bảng dữ liệu(PDF) 2 Page - Integrated Power Designs Inc.

tên linh kiện NXT-400M-2002
Giải thích chi tiết về linh kiện  MULTI OUTPUT AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IPDPOWER [Integrated Power Designs Inc.]
Trang chủ  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

NXT-400M-2002 bảng dữ liệu(HTML) 2 Page - Integrated Power Designs Inc.

  NXT-400M-2002 Datasheet HTML 1Page - Integrated Power Designs Inc. NXT-400M-2002 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com
0
50
100
150
200
250
300
350
400
0
10
20
30
40
50
60
70
Ambient Temperature (ºC)
(VIN)
85
90
OPEN FRAME/CHASSIS
OPEN FRAME
300LFM FORCED AIR COOLED
CONVECTION COOLED
CHASSIS/COVER
CHASSIS
CHASSIS/COVER
Voltage Fluctuations/Flicker
EN 61000-3-3
Compliant
NXT-400M MULTI MECHANICAL SPECIFICATIONS
MAX POUT vs. AMBIENT TEMPERATURE/INPUT VOLTAGE
- Derate Outputs 1 (3.3-5V) current rating 40% when convection cooled.
- Derate Outputs 1 (12-15V) current rating 25% when convection cooled.
- Derate Outputs 2 (3.3-15V) current rating 25% when convection cooled.
- Derate Total Output Power linearly from 100% at 50ºC to 50% at 70ºC.
- Derate Total Output Power linearly from 100% at 90VIN to 90% at 85VIN when forced-air cooled.
- Derate Total Output Power 10% when convection cooled using Chassis or Chassis/Cover.
- Derate Total Output Power 20% when convection cooled using Chassis/Cover (4001, 4002 only).
- Derate Total Output Power 10% when forced-air cooled using Chassis/Cover.
CONNECTOR SPECIFICATIONS
P1: 0.156 friction lock header mates with Molex
09-50-3031 or equivalent crimp terminal housing with
Molex 08-50-0189 or equivalent crimp terminal.
Ground: 0.187 quick disconnect terminal.
P5: 0.100 friction lock header mates with Molex
22-55-2041 or equivalent crimp terminal housing with
Molex 71851 or equivalent crimp terminal.
P3: 5566 Mini-Fit Jr. header mates with 5557 Mini-Fit
Jr. or equivalent crimp housing with 5556 Mini-Fit or
equivalent Crimp Terminal.
P4: 0.100 breakaway header mates with Molex
22-55-2061 or equivalent crimp terminal housing with
Molex type 70058 or equivalent crimp terminal.
P2: 6-32 screw terminal mates with #6 ring tongue
terminal. (10 in-lb Max).
OUTPUT VOLTAGE ADJUSTMENT LOCATIONS
APPLICATIONS INFORMATION
1. Each output can deliver its rated current but Total Output Power must not exceed 400W.
2. Generally, adequate cooling is provided when semiconductor case temperatures do not
exceed 70
C rise and transformer temperature does not exceed 60C rise at any specified
ambient temperature.
3. Sufficient area must be provided around power supply to allow natural movement of air to
develop in convection-cooled applications.
4. This product is intended for use as a professionally-installed component within information
technology, industrial, and medical equipment and is not intended for stand-alone operation.
5. Minimum load is not required for reliable operation; however, a 5% load may be required on
Output 1 when loading Outputs 2, 3 or 4 to full rated current.
6. Peak-to-Peak Output Ripple and Noise is measured directly at the output terminals, without
the use of the probe ground lead or retractable tip (tip-and-barrel method), 20 MHz.
7. This product was type-tested and safety-certified using the dielectric strength test voltages
listed in Table 6 of IEC60601-1:2005. In consideration of clause 8.8.3, care must be taken to
ensure that the voltage applied to a reinforced insulation does not overstress different types
and levels of insulation. Primary and secondary-to-ground capacitors may need to be
disconnected prior to performing a dielectric strength type test on the power supply or the end
product. It is highly recommended that the DC test voltage listed in DVB.1, annex DVB of
UL60601-1 1ST Edition are not exceeded during a production-line dielectric strength test of the
assembled end product. Please consult factory for further information.
8. This power supply has been safety-approved and final-tested using a DC dielectric strength
test. Please consult factory before performing an AC dielectric strength test.
9. Remote-Sense terminals may be used to compensate for cable losses up to 250mV,
depending on model. The use of a twisted pair, decoupling capacitors and an appropriately-
rated low-impedance capacitor connected across the load will increase noise immunity.
10. Maximum screw penetration into bottom chassis mounting holes is 0.100 inches. Maximum
screw penetration into side chassis mounting holes is 0.188 inches.
11. To comply with emissions specifications, all four mounting hole pads must be electrically
connected to a common metal chassis. Chassis/cover option is recommended. Refer to
Operating Instructions for additional information.
12. Common RF shielding precautions may need to be taken to assure emissions compliance.
Refer to Operating Instructions for additional information.
13. Power Fail (AC-Good) feature provides a logic-low warning signal from an open collector
transistor output 10-15ms prior to loss of output from AC failure, 5V/10mA (4001:3.3V/10mA).
14. 300LFM minimum of airflow must be maintained one inch above all points of top-side
components or cover when forced-air cooling is required.
15. Outputs 2, 3 and 4 are adjustable from -10% of lowest voltage rating to +10% of highest
voltage rating.
16. RE/SB Option enables all outputs with a P5-4 to P5-2 switch closure, 6V Max./50mA.
17. Output 2, 3 and 4 Inhibit feature shuts down only that output with a P6-1 to P6-2 switch
closure, 45V Max.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com