| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705MC4GRS/D bảng dữ liệu(PDF) 120 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D bảng dữ liệu(HTML) 120 Page - NXP Semiconductors |
|
120 / 180 page ![]() Serial Communications Interface MC68HC705MC4 — Rev. 2.0 Serial Communications Interface 11.2 Introduction The serial communications interface (SCI) module allows high-speed asynchronous communication with peripheral devices and other MCUs. 11.3 Features Features of the SCI module include: • Standard Mark/Space Nonreturn-to-Zero Format • Full Duplex Operation • 32 Programmable Baud Rates • Programmable 8-Bit or 9-Bit Character Length • Separately Enabled Transmitter and Receiver • Two Receiver Wakeup Methods: – Idle Line Wakeup – Address Mark Wakeup • Interrupt-Driven Operation Capability with Five Interrupt Flags: – Transmitter Data Register Empty – Transmission Complete – Receiver Data Register Full – Receiver Overrun – Idle Receiver Input • Receiver Framing Error Detection • 1/16 Bit-Time Noise Detection Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |