| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705MC4GRS/D bảng dữ liệu(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D bảng dữ liệu(HTML) 32 Page - NXP Semiconductors |
|
32 / 180 page ![]() Memory MC68HC705MC4 — Rev. 2.0 Memory Addr. Register Name Bit 7 654321 Bit 0 $0010 PWMA Data Register (Effective) Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 PWMA Data-Direct Register Write: $0011 PWMA Data Register (Effective) Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 PWMA Data-Interlock Register Write: $0012 PWMB Data Register (Effective) Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 PWMB Data-Direct Register Write: $0013 PWMB Data Register (Effective) Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 PWMB Data-Interlock Register Write: $0014 PWM CTL-A Register (Effective) Read: MEA POLA MSKA3 MSKA2 MSKA1 CSA3 CSA2 CSA1 PWM CTL-A Register (Buffer) Write: $0015 PWM CTL-B Register (Effective) Read: MEB POLB MSKB3 MSKB2 MSKB1 CSB3 CSB2 CSB1 PWM CTL-B Register (Buffer) Write: $0016 PWM Rate Register (Effective) Read: RA3 RA2 RA1 RA0 RB3 RB2 RB1 RB0 PWM Rate Register (Buffer) Write: $0017 Timer Control Register Read: ICIE2 ICIE1 TOIE OCIE TCMP/ TCAP1 IEDG1 IEDG2 OLVL Write: $0018 Timer Status Register Read: ICF2 ICF1 TOF OCF 0000 Write: $0019 Input Capture Register 2 MSB Read: BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 Write: $001A Input Capture Register 2 LSB Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Write: $001B Input Capture Register 1 MSB Read: BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 Write: $001C Input Capture Register 1 LSB Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Write: $001D Output Compare Register MSB Read: BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 Write: $001E Output Compare Register LSB Read: BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Write: $001F Reserved Read: RRRRRRRR Write: = Unimplemented R = Reserved Figure 2-4. I/O and Control Registers $0010–$0001F Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |