| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESD2USB3UV-T bảng dữ liệu(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESD2USB3UV-T bảng dữ liệu(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 12 page ![]() Nexperia PESD2USB3UV-T Automotive infotainment ESD protection diode 10. Application information The device is designed to provide high-level ESD protection for high-speed serial data buses such as USB, HDMI, DisplayPort, eSATA and LVDS data lines. 006aab252 bidirectional protection of one line DUT line 1 to be protected GND DUT line 1 to be protected unidirectional protection of two lines line 2 to be protected GND Fig. 12. Application diagram Note: When designing the PCB, give careful consideration to impedance matching and signal coupling. Do not connect the signal lines to unlimited current sources like, for example, a battery. 11. Test information Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in automotive applications. PESD2USB3UV-T All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2020. All rights reserved Product data sheet 9 September 2020 7 / 12 |