| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705C9AGRS/D bảng dữ liệu(PDF) 120 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D bảng dữ liệu(HTML) 120 Page - NXP Semiconductors |
|
120 / 157 page ![]() General Release Specification Instruction Types MC68HC05K3 — Rev. 2.0 Instruction Set 11.4.4 Bit Manipulation Instructions The CPU can set or clear any writable bit in the first 256 bytes of memory, which includes I/O registers and on-chip RAM locations. The CPU can also test and branch based on the state of any bit in any of the first 256 memory locations. Table 11-4. Bit Manipulation Instructions Instruction Mnemonic Bit Clear BCLR Branch if Bit Clear BRCLR Branch if Bit Set BRSET Bit Set BSET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |