| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705C9AGRS/D bảng dữ liệu(PDF) 119 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D bảng dữ liệu(HTML) 119 Page - NXP Semiconductors |
|
119 / 157 page ![]() General Release Specification Instruction Types MC68HC05K3 — Rev. 2.0 Instruction Set Table 11-3. Jump and Branch Instructions Instruction Mnemonic Branch if Carry Bit Clear BCC Branch if Carry Bit Set BCS Branch if Equal BEQ Branch if Half-Carry Bit Clear BHCC Branch if Half-Carry Bit Set BHCS Branch if Higher BHI Branch if Higher or Same BHS Branch if IRQ Pin High BIH Branch if IRQ Pin Low BIL Branch if Lower BLO Branch if Lower or Same BLS Branch if Interrupt Mask Clear BMC Branch if Minus BMI Branch if Interrupt Mask Set BMS Branch if Not Equal BNE Branch if Plus BPL Branch Always BRA Branch if Bit Clear BRCLR Branch Never BRN Branch if Bit Set BRSET Branch to Subroutine BSR Unconditional Jump JMP Jump to Subroutine JSR Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |