| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705C9AGRS/D bảng dữ liệu(PDF) 112 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D bảng dữ liệu(HTML) 112 Page - NXP Semiconductors |
|
112 / 157 page ![]() General Release Specification Introduction MC68HC05K3 — Rev. 2.0 Instruction Set 11.2 Introduction The MCU instruction set has 62 instructions and uses eight addressing modes. The instructions include all those of the M146805 CMOS Family plus one more: the unsigned multiply (MUL) instruction. The MUL instruction allows unsigned multiplication of the contents of the accumulator (A) and the index register (X). The high-order product is stored in the index register, and the low-order product is stored in the accumulator. 11.3 Addressing Modes The CPU uses eight addressing modes for flexibility in accessing data. The addressing modes provide eight different ways for the CPU to find the data required to execute an instruction. The eight addressing modes are: • Inherent • Immediate • Direct • Extended • Indexed, no offset • Indexed, 8-bit offset • Indexed, 16-bit offset • Relative Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |