công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCM857BS bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện BCM857BS
Giải thích chi tiết về linh kiện  45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCM857BS bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  BCM857BS Datasheet HTML 1Page - Diodes Incorporated BCM857BS Datasheet HTML 2Page - Diodes Incorporated BCM857BS Datasheet HTML 3Page - Diodes Incorporated BCM857BS Datasheet HTML 4Page - Diodes Incorporated BCM857BS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCM857BS
Datasheet Number DS37299 Rev. 1 - 2
2 of 5
www.diodes.com
June 2014
© Diodes Incorporated
BCM857BS
Absolute Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Base Current
IBM
-200
mA
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6) Total Device
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic (Note 8)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
—
—
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
-45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
—
—
V
IE = 100µA, IC = 0
DC Current Gain
hFE
220
—
475
—
VCE = -5.0V, IC = -2.0mA
DC Current Gain matching (Note 9)
hFE1/ hFE2
0.9
1
—
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage
VCE(sat)
—
—
-100
-400
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
—
-700
—
mV
IC = -10mA, IB = -0.5mA
Base-Emitter Voltage
VBE(on)
-580
-665
-750
mV
VCE = -5.0V, IC = -2.0mA
Base-Emitter Voltage matching (Note 10)
VBE1(on) -
VBE2(on)
—
—
2
mV
VCE = -5.0V, IC = -2.0mA
Base-Emitter Voltage
VBE(on)
-580
-665
-750
mV
VCE = -5.0V, IC = -2.0mA
Collector-Cutoff Current
ICBO
—
—
—
—
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = +150°C
Emitter Cutoff Current
IEBO
—
—
-100
nA
VEB = -5.0V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
2
3
pF
VCB = -10V, f = 1.0MHz
Emitter-Base Capacitance
CEBO
—
11
—
pF
VEB = -0.5V, f = 1.0MHz
Notes:
6. For a device mounted on minimum recommended pad layout with 1oz copper that is on a single-sided 1.6mm FR4 PCB; the device is measured
under still air conditions whilst operating in a steady-state.
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
8. Short duration pulse test used to minimize self-heating effect.
9. The smaller of the two values is taken as the numerator.
10. The smaller of the two values is subtracted from the larger value.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com