công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

219-6LPST bảng dữ liệu(PDF) 1 Page - CTS Corporation

tên linh kiện 219-6LPST
Giải thích chi tiết về linh kiện  DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTS [CTS Corporation]
Trang chủ  http://www.ctscorp.com
Logo CTS - CTS Corporation

219-6LPST bảng dữ liệu(HTML) 1 Page - CTS Corporation

  219-6LPST Datasheet HTML 1Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Free shipping on orders over £100! All prices are in British Pound Sterling and include duties.
uk.digikey.com — FREEPHONE: 0-800-587-0991 • 0-800-904-7786 — FREEFAX: 0-800-587-0992 • 0-800-904-7783
(UK071)
1523
I
Fig. 8 - SMT Half Pitch,
Recessed Actuated
Fig. 4 - Top Actuated - Auto Dip
.25
8.00
8.23
3.76
Fig. 1 - Top Actuated Slide
Fig. 5 - Surface Mount
12
3
4
5
6
7
12
CTS
ON
2.54
1.50
A
Flush
7.62
8.00
9.91
Extended
7.62
8.00
9.91
11.05
6.17
2.54
8.61
2.44
1.12
Fig. 3 - Right Angle Slide
Fig. 6 - SMT Side Actuated
A
9.78
1.14
11.05
6.17
2.44
1.12
2.54
8.61
7.90 12 3
switch part #
stamped here
4 5 67 8
2.54 typ.
Fig. 7 - SMT Top Slide, Extended Act.
Fig. 2 - Side Actuated
7.90 12 3 4 5 67 8
2.54
.48
3.81
7.62
.20
.38
A
1.52
9.78
1.14
11.05
6.17
2.44
1.12
2.54
8.61
A
9.78
switch part #
stamped here
7.62
1.27
2.54
1.40
10.41
7.62
.25
9.12
.89
Standard model shown.
Low Profile also available (CT204121LPST-ND)
7.62
10.41
9.12
12
3
4
5
6
7
12
CTS
ON
.69 Travel
3.61
2.54
DIM. A
6.68
.25
8.00
8.23
3.76
.38
Flush
Extended
ON
12
3
4
.46
1.27
A
8.43
5.79
2.54
1.27
1.27
8.89
6.35
.76
1
2
3
4
5
6
7
8
ON
CTS
1
ON
2
CTS
193-6
T632
3
4
5
6
No. of Dim. A Digi-Key
Pricing
CTS
Fig. Pos. (mm) Part No.
1
10
100
Part No.
7
19.25 CT2097LPST-ND
.59
5.45
49.57
209-7LPST
8
21.79 CT2098LPST-ND
.40
3.68
33.46
209-8LPST
4
9
24.33 CT2099LPST-ND
.70
6.41
58.25
209-9LPST
10
26.87 CT20910LPST-ND
.74
6.82
61.97
209-10LPST
12
31.95 CT20912LPST-ND
.83
7.63
69.40
209-12LPST
209-MS Series — SPST, Gold Finish, Extended, Sealed, Black Body
2
6.55 CT2092MS-ND
.36
3.27
29.74
209-2MS
3
9.09 CT2093MS-ND
.39
3.55
32.22
209-3MS
4
11.63 CT2094MS-ND
.43
3.95
35.94
209-4MS
5
14.17 CT2095MS-ND
.49
4.50
40.90
209-5MS
6
16.71 CT2096MS-ND
.53
4.91
44.61
209-6MS
4
7
19.25 CT2097MS-ND
.58
5.32
48.33
209-7MS
8
21.79 CT2098MS-ND
.62
5.73
52.05
209-8MS
9
24.33 CT2099MS-ND
.68
6.27
57.01
209-9MS
10
26.87 CT20910MS-ND
.73
6.68
60.73
209-10MS
12
31.95 CT20912MS-ND
.82
7.50
68.16
209-12MS
219-LPST Series — SPST, Gold Finish, Flush, Sealed, Brown Body
2
6.55 CT2192LPST-ND
.32
2.92
26.52
219-2LPST
3
9.09 CT2193LPST-ND
.43
3.95
35.94
219-3LPST
4
11.63 CT2194LPST-ND
.32
3.00
27.26
219-4LPST
5
14.17 CT2195LPST-ND
.52
4.77
43.38
219-5LPST
6
16.71 CT2196LPST-ND
.48
4.42
40.15
219-6LPST
5
7
19.25 CT2197LPST-ND
.62
5.73
52.05
219-7LPST
8
21.79 CT2198LPST-ND
.51
4.64
42.14
219-8LPST
9
24.33 CT2199LPST-ND
.72
6.54
59.49
219-9LPST
10
26.87 CT21910LPST-ND
.63
5.81
52.79
219-10LPST
12
31.95 CT21912LPST-ND
.85
7.77
70.64
219-12LPST
219-MST Series — SPST, Gold Finish, Extended, Sealed, Brown Body
2
6.55 CT2192MST-ND
.27
2.46
22.31
219-2MST
3
9.09 CT2193MST-ND
.43
3.95
35.94
219-3MST
4
11.63 CT2194MST-ND
.32
3.00
27.26
219-4MST
5
14.17 CT2195MST-ND
.52
4.77
43.38
219-5MST
6
16.71 CT2196MST-ND
.57
5.18
47.09
219-6MST
5
7
19.25 CT2197MST-ND
.62
5.73
52.05
219-7MST
8
21.79 CT2198MST-ND
.52
4.77
43.38
219-8MST
9
24.33 CT2199MST-ND
.72
6.54
59.49
219-9MST
10
26.87 CT21910MST-ND
.74
6.82
61.97
219-10MST
12
31.95 CT21912MST-ND
.85
7.77
70.64
219-12MST
193 Series — SPST, Gold Finish, Brown Body
2
7.26 CT1932MS-ND
1.07
8.58
75.80
193-2MS
3
9.80 CT1933MS-ND
1.11
8.91
78.80
193-3MS
4
12.34 CT1934MS-ND
.98
7.85
71.95
193-4MS
6
5
14.88 CT1935MS-ND
1.13
9.09
83.31
193-5MS
6
17.42 CT1936MS-ND
1.15
9.22
81.52
193-6MS
7
19.96 CT1937MS-ND
1.26
10.02
88.61
193-7MS
8
22.50 CT1938MS-ND
1.09
8.70
76.89
193-8MS
204 Series — SPST, Tape Sealed, Gold Finish, Brown Body
2
7.26 CT2042ST-ND
.97
8.38
76.80
204-2ST
3
9.80 CT2043ST-ND
.99
7.87
69.53
204-3ST
4
12.34 CT2044ST-ND
.83
7.11
65.13
204-4ST
5
14.88 CT2045ST-ND
.87
7.44
68.16
204-5ST
6
17.42 CT2046ST-ND
.89
7.60
69.68
204-6ST
7
7
19.96 CT2047ST-ND
.93
7.93
72.71
204-7ST
8
22.50 CT2048ST-ND
.95
8.10
74.22
204-8ST
9
25.04 CT2049ST-ND
.99
8.43
77.25
204-9ST
10
27.58 CT20410ST-ND
1.04
8.92
81.79
204-10ST
12
32.66 CT20412ST-ND
1.14
9.75
89.37
204-12ST
204 Series — SPDT, Tape Sealed, Gold Finish, Brown Body
1
7.26 CT204121ST-ND
1.07
9.19
84.22
204-121ST
7
1
7.26 CT204121LPST-ND 1.20
10.24
93.91
204-121LPST
204 Series — DPST, Tape Sealed, Gold Finish, Brown Body
1
7.26 CT204211ST-ND
.85
6.79
59.98
204-211ST
2
12.34 CT204212ST-ND
1.04
8.33
73.61
204-212ST
3
17.42 CT204213ST-ND
1.12
9.58
87.85
204-213ST
7
4
22.50 CT204214ST-ND
1.20
9.56
84.52
204-214ST
5
27.58 CT204215ST-ND
1.21
10.08
92.40
204-215ST
6
32.66 CT204216ST-ND
1.33
12.35
114.02
204-216ST
204 Series — DPDT, Tape Sealed, Gold Finish, Brown Body
1
12.34 CT204221ST-ND
1.65
14.13
129.51
204-221ST
7
2
22.50 CT204222ST-ND
1.04
8.33
73.61
204-222ST
3
32.66 CT204223ST-ND
1.20
9.56
84.52
204-223ST
218 Series — SPST, Tape Sealed, Gold Finish, Brown Body
2
3.71 CT2182LPST-ND
1.05
8.36
73.89
218-2LPST
4
6.25 CT2184LPST-ND
1.04
8.33
73.61
218-4LPST
8
6
8.79 CT2186LPST-ND
1.39
11.09
98.01
218-6LPST
8
11.33 CT2188LPST-ND
1.79
14.31
126.51
218-8LPST
10
13.87 CT21810LPST-ND
.98
7.85
69.39
218-10LPST
12
16.41 CT21812LPST-ND
1.64
15.06
136.95
218-12LPST
No. of Dim. A Digi-Key
Pricing
CTS
Fig. Pos. (mm) Part No.
1
10
100
Part No.
206 Series — SPST, Gold Finish, Lt. Blue Body
2
7.26 CT2062-ND
.71
6.46
58.74
206-2
3
9.80 CT2063-ND
.56
5.11
46.48
206-3
4
12.34 CT2064-ND
.32
3.00
27.26
206-4
5
14.88 CT2065-ND
.40
3.68
33.46
206-5
6
17.42 CT2066-ND
.60
5.49
49.95
206-6
1
7
19.96 CT2067-ND
.61
5.54
50.32
206-7
8
22.50 CT2068-ND
.36
3.27
29.74
206-8
9
25.04 CT2069-ND
.58
5.36
48.71
206-9
10
27.58 CT20610-ND
.60
5.51
50.07
206-10
12
32.66 CT20612-ND
.68
6.27
57.01
206-12
206-ST Series — SPST, Gold Finish, Sealed, Lt. Blue Body
2
7.26 CT2062ST-ND
.75
6.87
62.46
206-2ST
3
9.80 CT2063ST-ND
.60
5.48
49.82
206-3ST
4
12.34 CT2064ST-ND
.37
3.41
30.98
206-4ST
5
14.88 CT2065ST-ND
.53
4.88
44.37
206-5ST
6
17.42 CT2066ST-ND
.69
6.32
57.50
206-6ST
1
7
19.96 CT2067ST-ND
.70
6.39
58.13
206-7ST
8
22.50 CT2068ST-ND
.40
3.68
33.46
206-8ST
9
25.04 CT2069ST-ND
.67
6.11
55.52
206-9ST
10
27.58 CT20610ST-ND
.57
5.18
47.09
206-10ST
12
32.66 CT20612ST-ND
.57
5.18
47.09
206-12ST
208 Series — SPST, Tin Finish, Black Body
2
7.26 CT2082-ND
.58
5.32
48.33
208-2
3
9.80 CT2083-ND
.53
4.91
44.61
208-3
4
12.34 CT2084-ND
.28
2.59
23.55
208-4
5
14.88 CT2085-ND
.43
3.95
35.94
208-5
6
17.42 CT2086-ND
.45
4.09
37.18
208-6
1
7
19.96 CT2087-ND
.47
4.36
39.66
208-7
8
22.50 CT2088-ND
.30
2.73
24.79
208-8
9
25.04 CT2089-ND
.51
4.64
42.14
208-9
10
27.58 CT20810-ND
.55
5.05
45.85
208-10
12
32.66 CT20812-ND
.61
5.59
50.81
208-12
206-124 — SPDT, Gold Finish, Lt. Blue Body
1
4
22.50 CT206124-ND
1.15
10.48
95.30
206-124
206-214 — DPST, Gold Finish, Lt. Blue Body
1
4
22.50 CT206214-ND
.89
8.19
74.48
206-214
194-MST Series — SPST, Gold Finish, Sealed, Lt. Blue Body
2
7.26 CT1942MST-ND
.77
7.09
64.44
194-2MST
3
9.80 CT1943MST-ND
.52
4.77
43.38
194-3MST
4
12.34 CT1944MST-ND
.47
4.36
39.66
194-4MST
5
14.88 CT1945MST-ND
.80
7.36
66.92
194-5MST
6
17.42 CT1946MST-ND
.74
6.82
61.97
194-6MST
2
7
19.96 CT1947MST-ND
.88
8.04
73.12
194-7MST
8
22.50 CT1948MST-ND
.52
4.77
43.38
194-8MST
9
25.04 CT1949MST-ND
.94
8.59
78.08
194-9MST
10
27.58 CT19410MST-ND
.85
7.77
70.64
194-10MST
12
32.66 CT19412MST-ND
1.04
9.55
86.75
194-12MST
195-MST Series — SPST, Tin Finish, Sealed, Black Body
2
7.26 CT1952MST-ND
.45
4.09
37.18
195-2MST
4
12.34 CT1954MST-ND
.49
4.48
40.78
195-4MST
5
14.88 CT1955MST-ND
.72
6.54
59.49
195-5MST
6
17.42 CT1956MST-ND
.64
5.86
53.29
195-6MST
2
7
19.96 CT1957MST-ND
.73
6.69
60.85
195-7MST
8
22.50 CT1958MST-ND
.67
6.14
55.77
195-8MST
9
25.04 CT1959MST-ND
.83
7.63
69.40
195-9MST
10
27.58 CT19510MST-ND
.73
6.68
60.73
195-10MST
12
32.66 CT19512MST-ND
.88
8.04
73.12
195-12MST
206-RAST Series — SPST, Gold Finish, Sealed, Lt. Blue Body
2
7.26 CT2062RAST-ND
.90
8.26
75.10
206-2RAST
3
9.80 CT2063RAST-ND
.72
6.54
59.49
206-3RAST
4
12.34 CT2064RAST-ND
.57
5.18
47.09
206-4RAST
5
14.88 CT2065RAST-ND
.55
5.06
45.98
206-5RAST
6
17.42 CT2066RAST-ND
.70
6.41
58.25
206-6RAST
3
7
19.96 CT2067RAST-ND
.84
7.66
69.65
206-7RAST
8
22.50 CT2068RAST-ND
.70
6.41
58.25
206-8RAST
9
25.04 CT2069RAST-ND
.83
7.58
68.91
206-9RAST
10
27.58 CT20610RAST-ND
1.06
9.72
88.36
206-10RAST
12
32.66 CT20612RAST-ND
.95
8.74
79.44
206-12RAST
209-LPST Series — SPST, Gold Finish, Flush, Sealed, Black Body
2
6.55 CT2092LPST-ND
.37
3.41
30.98
209-2LPST
3
9.09 CT2093LPST-ND
.40
3.68
33.46
209-3LPST
4
4
11.63 CT2094LPST-ND
.31
2.86
26.03
209-4LPST
5
14.17 CT2095LPST-ND
.51
4.64
42.14
209-5LPST
6
16.71 CT2096LPST-ND
.40
3.68
33.46
209-6LPST
DIP Switches
Electrical Specifications:
Initial Contact Resistance: 25mΩ (209, 219 Series); 50mΩ (193, 194, 204,
and 206 Series); 100mΩ (195, 208, and 218 Series).
Maximum Contact Resistance: 100mΩ after 10,000 cycles switching 50mA
@ 24VDC (206 Series); 100mΩ after 7,000 cycles switching 50mA @ 24VDC
(193 and 194 Series); 500mΩ after 2,000 cycles switching 50mA @ 24VDC
(195 Series); 500mΩ after 2,000 cycles switching 50mA @ 15VDC or 100mΩ
after 1,000 cycles switching 25mA @ 24VDC (208 Series); 50mΩ maximum at
end of life (209 and 219 Series). Gold finish refers to internal contact area of the
switch, terminals are solder coated.
Maximum Non-Switching Rating: 100mA or 50VDC.
Insulation Resistance: Across open switch and between adjacent closed
switches - 1 x 109Ω (218 Series: 100mΩ minimum).
Dielectric Breakdown: 500VDC maximum for 1 minute (218 Series – 300VDC
maximum).
Switch Capacitance: Between adjacent switches maximum - 5.0pF (218
Series: 10pF).
Shock: Per MIL-STD-202F, method 213B, condition A with no contact
inconsistencies greater than 1μsec (206, 208, 209, 218 and 219 Series); no
mechanical damage or changes of switch settings with 25G applied (193, 194,
195 and 204 Series).
Vibration: Per MIL-STD-202F, method 204D, condition B (.06” or 15G’s
between 10Hz to 2KHz) with no contact inconsistencies greater than 1μsec
(204, 206, 208, 209, 218, and 219 Series). No mechanical damage or changes
of switch settings during or after testing when tested in three mutually perpen-
dicular planes at 10-50Hz sweep or at 60Hz constant vibration (193, 194 and
195 Series).
ç
è
Prev Page
Next Page


Số phần tương tự - 219-6LPST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CTS Corporation
219-6LPST CTS-219-6LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
More results

Mô tả tương tự - 219-6LPST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Grayhill, Inc
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
Thru-Hole DIP Switches
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
logo
Tyco Electronics
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
DIP Switches
MPA206N MACOM-MPA206N Datasheet
6Mb / 326P
DIP Switches
53137-5 MACOM-53137-5 Datasheet
655Kb / 1P
DIP Switches - Preprogrammed
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
SLIDE DIP SWITCHES
logo
Tyco Electronics
7000 MACOM-7000 Datasheet
257Kb / 6P
DIP Switches
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com