| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0201A103CZNT4 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
0201A103CZNT4 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() 4. Capacitance Tolerance Letter Tolerance Letter Tolerance B* ±0.1pF J ±5.0% C* ±0.25pF K ±10.0% D* ±0.50pF M ±20.0% F ±1.0% Z +80/-20% G ±2.0% P +100/-0% *for values 10pF and less only 5. Voltage Code Symbol Voltage Symbol Voltage 6 6 V 250 Z 10 7 500 Y 16 A 1000 3 25 S 1500 5 50 G 2000 1 100 H 3000 2 200 J 4000 6. Terminations Letter Termination N Nickel Barrier P* Palladium Silver* *Not for new designs. 7.Packaging Letter Packaging T Tape & Reel B Bulk 8. Qty per reel (X 1000) Examples: 4= 4000 1.5= 1,500 10= 10,000 Capacitance Range-NPO WVDC 0201 0402 0603 0805 1206 1210 25 1.0~470 0.5~1000 0.5~3300 0.5~4700 560~10000 50 1~22 1.0~220 0.5~820 0.5~2200 0.5~3900 560~6800 100 0.5~100 0.5~560 0.5~1000 0.5~1500 560~4700 200 0.5~68 0.5~330 0.5~820 0.5~1000 100~4700 250 0.5~47 0.5~150 0.5~470 0.5~1000 100~4700 500 0.5~470 0.5~820 100~2200 1000 0.5~330 0.5~470 100~1000 2000 1.0~270 100~560 Note: All values in pF. Additional values and special requests are available; contact your local distributor. |