| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZLED7010 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZLED7010 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 23 page ![]() ZLED7010 Datasheet © 2016 Integrated Device Technology, Inc. 4 April 20, 2016 List of Figures Figure 1.1 Characteristic Operating Curves 1 ................................................................................................................. 7 Figure 1.2 Characteristic Operating Curves 1 ................................................................................................................. 8 Figure 2.1 Directly Driving ADJI Input with a PWM Control Signal ................................................................................ 10 Figure 2.2 External DC Control Voltage at ADJI Pin...................................................................................................... 10 Figure 2.3 Driving ADJI Input from a Microcontroller ..................................................................................................... 11 Figure 3.1 Output Ripple Reduction .............................................................................................................................. 14 Figure 4.1 Temperature Compensation......................................................................................................................... 15 Figure 4.2 Temperature Compensation Graphs ............................................................................................................ 17 Figure 5.1 ZLED7010 Chain Connections ..................................................................................................................... 18 Figure 5.2 ZLED7010 System Application.................................................................................................................... 18 Figure 7.1 Pin Configuration ZLED7010........................................................................................................................ 19 Figure 7.2 SOP-8 Package Drawing.............................................................................................................................. 20 List of Tables Table 4.1 Pin Description SOP-8.................................................................................................................................. 19 Table 7.2 Package Dimensions SOP-8 ........................................................................................................................ 20 |