| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X9260 bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9260 bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 23 page ![]() 18 FN8170.3 August 29, 2006 HIGH-VOLTAGE WRITE CYCLE TIMING XDCP TIMING SYMBOL TABLE Symbol Parameter Typ. Max. Units tWR High-voltage write cycle time (store instructions) 5 10 ms Symbol Parameter Min. Max. Units tWRPO Wiper response time after the third (last) power supply is stable 5 10 s tWRL Wiper response time after instruction issued (all load instructions) 5 10 s WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from Low to High Will change from Low to High May change from High to Low Will change from High to Low Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance X9260 |