| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMB1507-PRO9 bảng dữ liệu(PDF) 21 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CMB1507-PRO9 bảng dữ liệu(HTML) 21 Page - Cree LED |
|
21 / 23 page ![]() XLAMP® CMB1507 PRO9™ LED © 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. CLD-DS314 REV 1 21 UL® Recognized Component This product meets the requirements to be considered a UL Recognized Component with Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750. Vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer to the LED Eye Safety application note. NOTES - CONTINUED |