| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAT54C bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAT54C bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2002 Mar 04 2 Philips Semiconductors Product specification Schottky barrier (double) diodes BAT54 series FEATURES • Low forward voltage • Guard ring protected • Small plastic SMD package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes. DESCRIPTION Planar Schottky barrier diodes encapsulated in a SOT23 small plastic SMD package. Single diodes and double diodes with different pinning are available. MARKING Note 1. ∗ = p : Made in Hong Kong. ∗ = t : Made in Malaysia. ∗ = W: Made in China. PINNING TYPE NUMBER MARKING CODE(1) BAT54 L4 ∗ BAT54A L42 or ∗V3 BAT54C L43 or ∗W1 BAT54S L44 or ∗V4 PIN DESCRIPTION BAT54 BAT54A BAT54C BAT54S 1a k1 a1 a1 2 n.c. k2 a2 k2 3k a1,a2 k1,k2 k1,a2 handbook, 2 columns 2 1 3 MGC421 Top view Fig.1 Simplified outline (SOT23) and pin configuration. 3 12 MLC360 3 12 MLC359 3 12 MLC358 Fig.2 Diode configuration and symbol. 3 12 n.c. MLC357 (1) BAT54 (2) BAT54A (3) BAT54C (4) BAT54S |