công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMI16/1 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện KMI16/1
Giải thích chi tiết về linh kiện  Integrated rotational speed sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMI16/1 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  KMI16/1 Datasheet HTML 1Page - NXP Semiconductors KMI16/1 Datasheet HTML 2Page - NXP Semiconductors KMI16/1 Datasheet HTML 3Page - NXP Semiconductors KMI16/1 Datasheet HTML 4Page - NXP Semiconductors KMI16/1 Datasheet HTML 5Page - NXP Semiconductors KMI16/1 Datasheet HTML 6Page - NXP Semiconductors KMI16/1 Datasheet HTML 7Page - NXP Semiconductors KMI16/1 Datasheet HTML 8Page - NXP Semiconductors KMI16/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Sep 05
4
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
FUNCTIONAL DESCRIPTION
The KMI16/1 sensor is sensitive to the motion of ferrous
gear wheels or reference marks. The functional principle is
shown in Fig.3. Due to the effect of flux bending, the
different directions of magnetic field lines in the
magnetoresistive sensor element will cause an electrical
signal. Because of the chosen sensor orientation and the
direction of ferrite magnetization, the KMI16/1 is sensitive
to movement in the ‘y’ direction in front of the sensor only
(see Fig.2).
The magnetoresistive sensor element signal is amplified,
temperature compensated and passed to a Schmitt trigger
in the conditioning integrated circuit (see Fig.4). The digital
output signal level is independent of the sensing distance
within the measuring range (see Fig.10). A (3-wire) output
current enables safe transfer of the sensor signal to the
detecting circuit (see Fig.5). The integrated circuit housing
is separated from the sensor element housing to optimize
the sensor behaviour at high temperatures.
handbook, halfpage
y
z
xx
IC
sensor
magnet with
direction of
magnetization
MBK767
Fig.2 Component detail of the KMI16/1.
handbook, full pagewidth
gear wheel
magnet
magnetic
field lines
(a)
(b)
(c)
direction
of
motion
(d)
MRA957
sensor
y
z
Fig.3 Functional principle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com